Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 380Page - Renesas Technology Corp SH7018 Datasheet HTML 381Page - Renesas Technology Corp SH7018 Datasheet HTML 382Page - Renesas Technology Corp SH7018 Datasheet HTML 383Page - Renesas Technology Corp SH7018 Datasheet HTML 384Page - Renesas Technology Corp SH7018 Datasheet HTML 385Page - Renesas Technology Corp SH7018 Datasheet HTML 386Page - Renesas Technology Corp SH7018 Datasheet HTML 387Page - Renesas Technology Corp SH7018 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 431 page
background image
368
16.11.5
Auto-Erase Mode
1. Auto-erase mode supports only entire memory erasing.
2. Do not perform a command write during auto-erasing.
3. Confirm normal end of auto-erasing by checking I/O6. Alternatively, status read mode can also
be used for this purpose (I/O7 status polling uses the auto-erase operation end identification
pin).
4. Status polling I/O6 and I/O7 pin information is retained until the next command write. As long
as the next command write has not been performed, reading is possible by enabling
CE and
OE.
Table 16.17 AC Characteristics in Auto-Erase Mode (Conditions: V
CC = 3.3 V ± 0.3 V,
V
SS = 0 V, Ta = 25°C ±5°C)
Item
Symbol
Min
Max
Unit
Notes
Command write cycle
t
nxtc
20
—
µs
CE hold time
t
ceh
0
—
ns
CE setup time
t
ces
0
—
ns
Data hold time
t
dh
50
—
ns
Data setup time
t
ds
50
—
ns
Write pulse width
t
wep
70
—
ns
Status polling start time
t
ests
1
—
ms
Status polling access time
t
spa
—
150
ns
Memory erase time
t
erase
100
40000
ms
Erase setup time
t
ens
100
—
ns
Erase end setup time
t
enh
100
—
ns
WE rise time
t
r
—
30
ns
WE fall time
t
f
—
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com