Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 387 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 383Page - Renesas Technology Corp SH7018 Datasheet HTML 384Page - Renesas Technology Corp SH7018 Datasheet HTML 385Page - Renesas Technology Corp SH7018 Datasheet HTML 386Page - Renesas Technology Corp SH7018 Datasheet HTML 387Page - Renesas Technology Corp SH7018 Datasheet HTML 388Page - Renesas Technology Corp SH7018 Datasheet HTML 389Page - Renesas Technology Corp SH7018 Datasheet HTML 390Page - Renesas Technology Corp SH7018 Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 431 page
background image
371
Table 16.19 Status Read Mode Return Commands
Pin Name
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
Attribute
Normal
end
identification
Command
error
Program-
ming error
Erase
error
——
Program-
ming or
erase count
exceeded
Effective
address error
Initial value 00000
0
00
Indications Normal
end: 0
Abnormal
end: 1
Command
Error: 1
Otherwise: 0
Program-
ming
Error: 1
Otherwise: 0
Erasing
Error: 1
Otherwise: 0
——
Count
exceeded: 1
Otherwise: 0
Effective
address
Error: 1
Otherwise: 0
Note:
I/O2 and I/O3 are undefined at present.
16.11.7
Status Polling
1. I/O7 status polling is a flag that indicates the operating status in auto-program/auto-erase
mode.
2. I/O6 status polling is a flag that indicates a normal or abnormal end in auto-program/auto-erase
mode.
Table 16.20 Status Polling Output Truth Table
Pin Name
During Internal
Operation
Abnormal End
Normal End
I/O7
0101
I/O6
0011
I/O0 to I/O5
0000
16.11.8
Programmer Mode Transition Time
Commands cannot be accepted during the oscillation stabilization period or the programmer mode
setup period. After the programmer mode setup time, a transition is made to memory read mode.
Table 16.21 Stipulated Transition Times to Command Wait State
Item
Symbol
Min
Max
Unit
Standby release (oscillation stabilization time)
t
osc1
30
—
ms
Programmer mode setup time
t
bmv
10
—
ms
V
CC hold time
t
dwn
0
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com