Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 398Page - Renesas Technology Corp SH7018 Datasheet HTML 399Page - Renesas Technology Corp SH7018 Datasheet HTML 400Page - Renesas Technology Corp SH7018 Datasheet HTML 401Page - Renesas Technology Corp SH7018 Datasheet HTML 402Page - Renesas Technology Corp SH7018 Datasheet HTML 403Page - Renesas Technology Corp SH7018 Datasheet HTML 404Page - Renesas Technology Corp SH7018 Datasheet HTML 405Page - Renesas Technology Corp SH7018 Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 431 page
background image
386
Table 19.2
DC Characteristics (cont)
Conditions: V
CC = 3.0 to 3.6 V, PVCC = 5.0 ± 0.5 V, PVCC ≥ VCC, AVCC = 3.0 to 3.6 V,
AV
CC ≥ VCC, VSS = AVSS = 0 V, f = 20 MHz, Ta = –20 to +75°C
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input
capacitance
RES
NMI
All other input
pins
C
in
—
—
—
—
—
—
80
50
20
pF
pF
pF
V
in = 0 V
f = 1 MHz
T
a = 25°C
Current
Normal operation I
CC
—
80
110
mA
f = 20 MHz
consumption
Sleep mode
—
70
95
mA
f = 20 MHz
Standby mode
—
5
50
µAT
a ≤ 50°C
—
—
300
µA
50°C < T
a
Analog power supply current
AI
CC
—
5
10
mA
f = 20 MHz
Notes: 1. If the A/D converter is not used, do not leave the AV
CC and AVSS pins open. Connect the
AV
CC pin to VCC and the AVSS pin to VSS.
2. Current consumption values are for conditions of V
IHmin = VCC –0.5 V and VILmin = 0.5 V
with all output pins unloaded.
Table 19.3
Permissible Output Current Values
Conditions: V
CC = 3.0 to 3.6 V, PVCC = 5.0 ± 0.5 V, PVCC ≥ VCC, AVCC = 3.0 to 3.6 V,
AV
CC ≥ VCC, VSS = AVSS = 0 V, f = 20 MHz, Ta = –20 to +75°C
Item
Symbol
Min
Typ
Max
Unit
Output low-level permissible current (per pin)
I
OL
—
—
2.0
mA
Output low-level permissible current (total)
∑I
OL
——80
mA
Output high-level permissible current (per pin)
–I
OH
—
—
2.0
mA
Output high-level permissible current (total)
∑(–I
OH)
——25
mA
Note:
To ensure chip reliability, do not exceed the output current values in table 19.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com