Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 399Page - Renesas Technology Corp SH7018 Datasheet HTML 400Page - Renesas Technology Corp SH7018 Datasheet HTML 401Page - Renesas Technology Corp SH7018 Datasheet HTML 402Page - Renesas Technology Corp SH7018 Datasheet HTML 403Page - Renesas Technology Corp SH7018 Datasheet HTML 404Page - Renesas Technology Corp SH7018 Datasheet HTML 405Page - Renesas Technology Corp SH7018 Datasheet HTML 406Page - Renesas Technology Corp SH7018 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 431 page
background image
387
19.3
AC Characteristics
19.3.1
Clock Timing
The clock timing is shown in table 19.4.
Table 19.4
Clock Timing
Conditions: V
CC = 3.0 to 3.6 V, PVCC = 5.0 ± 0.5 V, PVCC ≥ VCC, AVCC = 3.0 to 3.6 V,
AV
CC ≥ VCC, VSS = AVSS = 0 V, f = 20 MHz, Ta = –20 to +75°C
Item
Symbol
Min
Max
Unit
Figure
Operating frequency
f
OP
4
20
MHz
Figure 19.1
Clock cycle time
t
cyc
50
250
ns
Clock low-level pulse width
t
CL
15
—
ns
Clock high-level pulse width
t
CH
15
—
ns
Clock rise time
t
Cr
—5
ns
Clock fall time
t
Cf
—5
ns
EXTAL clock input frequency
f
EX
4
20
MHz
Figure 19.2
EXTAL clock input cycle time
t
EXcyc
50
250
ns
EXTAL clock input low-level pulse width
t
EXL
17.5
—
ns
EXTAL clock input high-level pulse width
t
EXH
17.5
—
ns
EXTAL clock input rise time
t
EXr
—5
ns
EXTAL clock input fall time
t
EXf
—5
ns
Reset oscillation settling time
t
OSC1
10
—
ms
Figure 19.3
Standby recovery oscillation settling time
t
OSC2
10
—
ms
t
CL
t
cyc
t
CH
CK
1/2 VCC
t
CF
tCR
1/2 V
CC
Figure 19.1 System Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com