Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 401Page - Renesas Technology Corp SH7018 Datasheet HTML 402Page - Renesas Technology Corp SH7018 Datasheet HTML 403Page - Renesas Technology Corp SH7018 Datasheet HTML 404Page - Renesas Technology Corp SH7018 Datasheet HTML 405Page - Renesas Technology Corp SH7018 Datasheet HTML 406Page - Renesas Technology Corp SH7018 Datasheet HTML 407Page - Renesas Technology Corp SH7018 Datasheet HTML 408Page - Renesas Technology Corp SH7018 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 431 page
background image
389
19.3.2
Control Signal Timing
Table 19.5
Control Signal Timing
Conditions: V
CC = 3.0 to 3.6 V, PVCC = 5.0 ± 0.5 V, PVCC ≥ VCC, AVCC = 3.0 to 3.6 V,
AV
CC ≥ VCC, VSS = AVSS = 0 V, f = 20 MHz, Ta = –20 to +75°C
Item
Symbol
Min
Max
Unit
Figure
RES rise and fall
t
RESr,
t
RESf
—
200
ns
Figure 19.4
RES pulse width
t
RESW
40
—
t
cyc
NMI rise and fall
t
NMIr,
t
NMIf
—
200
ns
RES setup time*
t
RESS
35
—
ns
Figure 19.4,
NMI setup time*
t
NMIS
35
—
ns
Figure 19.5
IRQ7, IRQ6, and IRQ3 to IRQ0 setup time*
(edge detection)
t
IRQES
35
—
ns
IRQ7, IRQ6, and IRQ3 to IRQ0 setup time*
(level detection)
t
IRQLS
35
—
ns
NMI hold time
t
NMIH
35
—
ns
Figure 19.5
IRQ7, IRQ6, and IRQ3 to IRQ0 hold time
t
IRQEH
35
—
ns
Note: * The
RES, NMI, IRQ7, IRQ6, and IRQ3 to IRQ0 signals are input asynchronously. If the
setup time indicated is maintained, the clock rise (in the case of
RES) or fall (in the case of
NMI,
IRQ7, IRQ6, and IRQ3 to IRQ0) will be recognized as a change in level. If the setup
time indicated is not maintained, the change may not be recognized until the next clock rise
or fall.
CK
RES
tRESf
tRESW
tRESr
tRESS
tRESS
VIH
VIH
VIL
VIL
Figure 19.4 Reset Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com