Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 122Page - Renesas Technology Corp SH7018 Datasheet HTML 123Page - Renesas Technology Corp SH7018 Datasheet HTML 124Page - Renesas Technology Corp SH7018 Datasheet HTML 125Page - Renesas Technology Corp SH7018 Datasheet HTML 126Page - Renesas Technology Corp SH7018 Datasheet HTML 127Page - Renesas Technology Corp SH7018 Datasheet HTML 128Page - Renesas Technology Corp SH7018 Datasheet HTML 129Page - Renesas Technology Corp SH7018 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 431 page
background image
110
Channel 1 (TIOR1 Register):
Bit 7:
IOB3
Bit 6:
IOB2
Bit 5:
IOB1
Bit 4:
IOB0
Description
0
0
0
0
TGR1B
Output disabled
(Initial value)
1
is an
Initial
Output 0 on compare-match
10
output
output
Output 1 on compare-match
1
compare
is 0
Toggle output on compare-match
10
0
register
Output disabled
1
Initial
Output 0 on compare-match
10
output
Output 1 on compare-match
1
is 1
Toggle output on compare-match
1
0
0
0
TGR1B
Capture
Input capture on rising edge
1
is an
input source
Input capture on falling edge
10
input
is the
Input capture on both edges
1
capture
TIOC1B pin
10
0
register
Capture input
Input capture
1
source TGR0C
on channel TGR0C
10
compare/match
compare-match/input
1
input capture
capture generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com