Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 118Page - Renesas Technology Corp SH7018 Datasheet HTML 119Page - Renesas Technology Corp SH7018 Datasheet HTML 120Page - Renesas Technology Corp SH7018 Datasheet HTML 121Page - Renesas Technology Corp SH7018 Datasheet HTML 122Page - Renesas Technology Corp SH7018 Datasheet HTML 123Page - Renesas Technology Corp SH7018 Datasheet HTML 124Page - Renesas Technology Corp SH7018 Datasheet HTML 125Page - Renesas Technology Corp SH7018 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 431 page
background image
106
• Bits 3 to 0—Modes 3 to 0 (MD3 to MD0): These bits set the timer operation mode.
Bit 3:
MD3
Bit 2:
MD2
Bit 1:
MD1
Bit 0:
MD0
Description
0000
Normal operation
(Initial value)
1
Reserved (do not set)
1
0
PWM mode 1
1
PWM mode 2
01
**
Reserved (Do not set)
1
***
Reserved (Do not set)
*: Don’t care
8.2.3
Timer I/O Control Register (TIOR)
The TIOR is a register that controls the TGR. The MTU has four TIOR registers, two for channel
0, and one each for channels 1 and 2. TIOR is initialized to H'00 by a power-on reset.
Channel 0: TIOR0H
Bit:
7
6
5
4
3
2
1
0
—
IOB2
IOB1
IOB0
IOA3
IOA2
IOA1
IOA0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Channels 1 and 2: TIOR1, TIOR2
Bit:
7
6
5
4
3
2
1
0
IOB3
IOB2
IOB1
IOB0
IOA3
IOA2
IOA1
IOA0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7 to 4—I/O Control B3 to B0 (IOB3 to IOB0): These bits set the TGRB register function.
Bit 7 of TIOR0H is reserved bit. It is always read as 0. The write value should always be 0.
Bits 3 to 0—I/O Control A3 to A0 (IOA3 to IOA0): These bits set the TGRA register function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com