Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 166Page - Renesas Technology Corp SH7018 Datasheet HTML 167Page - Renesas Technology Corp SH7018 Datasheet HTML 168Page - Renesas Technology Corp SH7018 Datasheet HTML 169Page - Renesas Technology Corp SH7018 Datasheet HTML 170Page - Renesas Technology Corp SH7018 Datasheet HTML 171Page - Renesas Technology Corp SH7018 Datasheet HTML 172Page - Renesas Technology Corp SH7018 Datasheet HTML 173Page - Renesas Technology Corp SH7018 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 431 page
background image
154
Contention Between TGR Write and Compare Match: If a compare-match occurs in the T
2
state of the TGR write cycle, data is written to the TGR and a compare-match signal is issued
(figure 8.45).
TGR
Compare
match signal
TCNT
Address
Write signal
φ
T1
T2
TGR write cycle
TGR address
N
N + 1
M
N
TGR write data
Figure 8.45 TGR Write and Compare Match Contention
TCNT2 Write and Overflow Contention in Cascade Connection: With timer counters TCNT1
and TCNT2 in a cascade connection, when a contention occurs during TCNT1 count (during a
TCNT2 overflow) in the T
2 state of the TCNT2 write cycle, the write to TCNT2 is conducted, and
the TCNT1 count signal is prohibited. At this point, if there is match with TGR1A and the TCNT1
value, a compare signal is issued. When the TCNT1 count clock is selected as the channel 0 input
capture source, TGR0A and TGR0C operate as input capture registers. When TGR0C compare-
match/input capture is selected as the TGR1B input capture source, TGR1B operates as an input
capture register. The timing is shown in figure 8.46.
For cascade connections, be sure to synchronize settings for channels 1 and 2 when setting TCNT
clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com