Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 194Page - Renesas Technology Corp SH7018 Datasheet HTML 195Page - Renesas Technology Corp SH7018 Datasheet HTML 196Page - Renesas Technology Corp SH7018 Datasheet HTML 197Page - Renesas Technology Corp SH7018 Datasheet HTML 198Page - Renesas Technology Corp SH7018 Datasheet HTML 199Page - Renesas Technology Corp SH7018 Datasheet HTML 200Page - Renesas Technology Corp SH7018 Datasheet HTML 201Page - Renesas Technology Corp SH7018 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 431 page
background image
182
• Bits 1 and 0—Clock Select 1 and 0 (CKS1, CKS0): These bits select the clock input to the
CMCNT from among the four internal clocks obtained by dividing the system clock (
φ). When
the STR bit of the CMSTR is set to 1, the CMCNT begins incrementing with the clock selected
by CKS1 and CKS0.
Bit 1: CKS1
Bit 0: CKS0
Description
00
φ/8
(Initial value)
1
φ/32
10
φ/128
1
φ/512
10.2.3
Compare Match Timer Counter (CMCNT)
The compare match timer counter (CMCNT) is a 16-bit register used as an upcounter for
generating interrupt requests.
When an internal clock is selected with the CKS1, CKS0 bits of the CMCSR register and the STR
bit of the CMSTR is set to 1, the CMCNT begins incrementing with that clock. When the CMCNT
value matches that of the compare match timer constant register (CMCOR), the CMCNT is
cleared to H'0000 and the CMF flag of the CMCSR is set to 1. If the CMIE bit of the CMCSR is
set to 1 at this time, a compare match interrupt (CMI) is requested.
The CMCNT is initialized to H'0000 by power-on resets.
Bit:
15
14
13
12
11
10
9
8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com