Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 196Page - Renesas Technology Corp SH7018 Datasheet HTML 197Page - Renesas Technology Corp SH7018 Datasheet HTML 198Page - Renesas Technology Corp SH7018 Datasheet HTML 199Page - Renesas Technology Corp SH7018 Datasheet HTML 200Page - Renesas Technology Corp SH7018 Datasheet HTML 201Page - Renesas Technology Corp SH7018 Datasheet HTML 202Page - Renesas Technology Corp SH7018 Datasheet HTML 203Page - Renesas Technology Corp SH7018 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 431 page
background image
184
10.3.2
CMCNT Count Timing
One of four clocks (
φ/8, φ/32, φ/128, φ/512) obtained by dividing the system clock (CK) can be
selected by the CKS1 and CKS0 bits of the CMCSR. Figure 10.3 shows the timing.
CK
N – 1
N
N + 1
Internal clock
CMCNT input
clock
CMCNT
Figure 10.3 Count Timing
10.4
Interrupts
10.4.1
Interrupt Sources
The CMT has a compare match interrupt for each channel, with independent vector addresses
allocated to each of them. The corresponding interrupt request is output when the interrupt request
flag CMF is set to 1 and the interrupt enable bit CMIE has also been set to 1.
When activating CPU interrupts by interrupt request, the priority between the channels can be
changed by using the interrupt controller settings. See section 6, Interrupt Controller, for details.
10.4.2
Compare Match Flag Set Timing
The CMF bit of the CMCSR register is set to 1 by the compare match signal generated when the
CMCOR register and the CMCNT counter match. The compare match signal is generated upon
the final state of the match (timing at which the CMCNT counter matching count value is
updated). Consequently, after the CMCOR register and the CMCNT counter match, a compare
match signal will not be generated until a CMCNT counter input clock occurs. Figure 10.4 shows
the CMF bit set timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com