Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 195Page - Renesas Technology Corp SH7018 Datasheet HTML 196Page - Renesas Technology Corp SH7018 Datasheet HTML 197Page - Renesas Technology Corp SH7018 Datasheet HTML 198Page - Renesas Technology Corp SH7018 Datasheet HTML 199Page - Renesas Technology Corp SH7018 Datasheet HTML 200Page - Renesas Technology Corp SH7018 Datasheet HTML 201Page - Renesas Technology Corp SH7018 Datasheet HTML 202Page - Renesas Technology Corp SH7018 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 431 page
background image
183
10.2.4
Compare Match Timer Constant Register (CMCOR)
The compare match timer constant register (CMCOR) is a 16-bit register that sets the compare
match period with the CMCNT.
The CMCOR is initialized to H'FFFF by power-on resets.
Bit:
15
14
13
12
11
10
9
8
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
10.3
Operation
10.3.1
Period Count Operation
When an internal clock is selected with the CKS1, CKS0 bits of the CMCSR register and the STR
bit of the CMSTR is set to 1, the CMCNT begins incrementing with the selected clock. When the
CMCNT counter value matches that of the compare match constant register (CMCOR), the
CMCNT counter is cleared to H'0000 and the CMF flag of the CMCSR register is set to 1. If the
CMIE bit of the CMCSR register is set to 1 at this time, a compare match interrupt (CMI) is
requested. The CMCNT counter begins counting up again from H'0000.
Figure 10.2 shows the compare match counter operation.
CMCOR
H'0000
CMCNT value
Time
Counter cleared by
CMCOR compare match
Figure 10.2 Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com