Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 242Page - Renesas Technology Corp SH7018 Datasheet HTML 243Page - Renesas Technology Corp SH7018 Datasheet HTML 244Page - Renesas Technology Corp SH7018 Datasheet HTML 245Page - Renesas Technology Corp SH7018 Datasheet HTML 246Page - Renesas Technology Corp SH7018 Datasheet HTML 247Page - Renesas Technology Corp SH7018 Datasheet HTML 248Page - Renesas Technology Corp SH7018 Datasheet HTML 249Page - Renesas Technology Corp SH7018 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 431 page
background image
230
Initialize
Clear TE and RE bits to 0 in SCR1
Set CKE1 and CKE0 bits in SCR1
(TE and RE bits are 0)
Select transmit/receive format in SMR1
Set value to BRR1
Wait
Set TE or RE to 1 in SCR1; Set RIE,
TIE, TEIE, and MPIE as necessary
1-bit interval elapsed?
End
(1)
(2)
(3)
(4)
No
Yes
Figure 12.4 Sample Flowchart for SCI1 Initialization
Transmitting Serial Data (Asynchronous Mode): Figure 12.5 shows a sample flowchart for
transmitting serial data. The procedure is as follows (the steps correspond to the numbers in the
flowchart):
1. SCI1 initialization: Set the TxD pin using the PFC.
2. SCI1 status check and transmit data write: Read the serial status register (SSR1), check that the
TDRE bit is 1, then write transmit data in the transmit data register (TDR1) and clear TDRE
to 0.
3. Continue transmitting serial data: Read the TDRE bit to check whether it is safe to write (if it
reads 1); if so, write data in TDR1, then clear TDRE to 0.
4. To output a break at the end of serial transmission, first clear the port data register (DR) to 0,
then clear the TE to 0 in SCR1 and use the PFC to establish the TxD pin as an output port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com