Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 259Page - Renesas Technology Corp SH7018 Datasheet HTML 260Page - Renesas Technology Corp SH7018 Datasheet HTML 261Page - Renesas Technology Corp SH7018 Datasheet HTML 262Page - Renesas Technology Corp SH7018 Datasheet HTML 263Page - Renesas Technology Corp SH7018 Datasheet HTML 264Page - Renesas Technology Corp SH7018 Datasheet HTML 265Page - Renesas Technology Corp SH7018 Datasheet HTML 266Page - Renesas Technology Corp SH7018 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 431 page
background image
247
Start of initialization
Clear TE and RE bits to 0 in SCR1
1-bit interval elapsed?
Set TE and RE to 1 in SCR1;
Set RIE, TIE, TEIE, and MPIE bits
Yes
No
(1)
Set RIE, TIE, TEIE, MPIE, CKE1,
and CKE0 bits in SCR
(TE and RE are 0)
End
Wait
Select transmit/receive
format in SMR1
Set value in BRR1
(2)
(3)
(4)
Figure 12.15 Sample Flowchart for SCI Initialization
Transmitting Serial Data (Clock Synchronous Mode): Figure 12.16 shows a sample flowchart
for transmitting serial data and indicates the procedure to follow.
1. SCI1 initialization: Set the TxD pin function with the PFC.
2. SCI1 status check and transmit data write: Read SSR1, check that the TDRE flag is 1, then
write transmit data in TDR1 and clear the TDRE flag to 0.
3. To continue transmitting serial data: After checking that the TDRE flag is 1, indicating that
data can be written, write data in TDR1, then clear the TDRE flag to 0. When the DMAC or
DTC is activated by a transmit-data-empty interrupt request (TxI) to write data in TDR1, the
TDRE flag is checked and cleared automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com