Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 280Page - Renesas Technology Corp SH7018 Datasheet HTML 281Page - Renesas Technology Corp SH7018 Datasheet HTML 282Page - Renesas Technology Corp SH7018 Datasheet HTML 283Page - Renesas Technology Corp SH7018 Datasheet HTML 284Page - Renesas Technology Corp SH7018 Datasheet HTML 285Page - Renesas Technology Corp SH7018 Datasheet HTML 286Page - Renesas Technology Corp SH7018 Datasheet HTML 287Page - Renesas Technology Corp SH7018 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 431 page
background image
268
13.4
Operation
The A/D converter operates by successive approximations with 10-bit resolution. It has two
operating modes: single mode and scan mode.. The operation in these two modes is described
below.
13.4.1
Single Mode (SCAN = 0)
Single mode should be selected for A/D conversion on only one channel. A/D conversion starts
when the ADST bit in the A/D control/status register (ADCSR) is set to 1 by software or MTU
trigger input. The ADST bit remains set to 1 during A/D conversion, and is automatically cleared
to 0 when conversion ends.
When conversion ends, the ADF bit in ADCSR is set to 1. If the ADIE bit in ADCSR is also 1, an
ADI interrupt is requested. To clear the ADF bit, first read ADF when set to 1, then write 0 in
ADF.
To prevent incorrect operation, A/D conversion should be halted by clearing the ADST bit to 0
before changing the mode or analog input channel. After the change is made, A/D conversion is
restarted by setting the ADST bit to 1 (the mode or channel change and setting of the ADST bit
can be carried out simultaneously).
An example of the operation when analog input channel 1 (AN1) is selected and A/D conversion
is performed in single mode is described below. Figure 13.3 shows a timing diagram for this
example.
1. Single mode is selected (SCAN = 0), input channel AN1 is selected (CH2 = CH1 = 0, CH0 =
1), the A/D interrupt request is enabled (ADIE = 1), and A/D conversion is started (ADST =
1).
2. When A/D conversion is completed, the result is transferred to ADDRB. At the same time
ADF is set to 1, ADST is cleared to 0, and the A/D converter becomes idle.
3. Since ADF = 1 and ADIE = 1, an ADI interrupt is requested.
4. The A/D interrupt service routine is started.
5. The routine reads ADF set to 1, then writes 0 in ADF.
6. The routine reads and processes the conversion result (ADDRB).
7. Execution of the A/D interrupt service routine ends. After this, if the ADST bit is set to 1, A/D
conversion starts again and steps 2 to 7 are repeated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com