Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 276Page - Renesas Technology Corp SH7018 Datasheet HTML 277Page - Renesas Technology Corp SH7018 Datasheet HTML 278Page - Renesas Technology Corp SH7018 Datasheet HTML 279Page - Renesas Technology Corp SH7018 Datasheet HTML 280Page - Renesas Technology Corp SH7018 Datasheet HTML 281Page - Renesas Technology Corp SH7018 Datasheet HTML 282Page - Renesas Technology Corp SH7018 Datasheet HTML 283Page - Renesas Technology Corp SH7018 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 431 page
background image
264
• Bit 7—A/D End Flag (ADF): This status flag indicates that A/D conversion has ended.
Bit 7: ADF
Description
0
Clear conditions
(Initial value)
With ADF = 1, by reading the ADF flag then writing 0 in ADF
1
Set conditions
• Single mode: When A/D conversion ends after conversion for all
designated channels
• Scan mode: After one round of A/D conversion for all specified
channels
• Bit 6—A/D Interrupt Enable (ADIE): Enables or disables interrupt requests (ADI) after A/D
conversion ends.
Bit 6: ADIE
Description
0
Disables interrupt requests (ADI) after A/D conversion ends
(Initial value)
1
Enables interrupt requests (ADI) after A/D conversion ends
• Bit 5—A/D Start (ADST): Selects start or stop for A/D conversion.
The ADST bit remains set to 1 during A/D conversion. It can also be set to 1 by MTU trigger
input.
Bit 5: ADST
Description
0
A/D conversion halted
(Initial value)
1
Single mode: Start A/D conversion. Automatically cleared to 0 after
conversion for the designated channel ends.
Scan mode: Start A/D conversion. Continuous conversion until 0
cleared by software, and by power-on reset.
• Bit 4—Scan Mode (SCAN): Selects single mode or scan mode for A/D conversion. For details
of the operation in single mode and scan mode, see section 13.4, Operation. Change the mode
only when ADST = 0.
Bit 4: SCAN
Description
0
Single mode
(Initial value)
1
Scan mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com