Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 286Page - Renesas Technology Corp SH7018 Datasheet HTML 287Page - Renesas Technology Corp SH7018 Datasheet HTML 288Page - Renesas Technology Corp SH7018 Datasheet HTML 289Page - Renesas Technology Corp SH7018 Datasheet HTML 290Page - Renesas Technology Corp SH7018 Datasheet HTML 291Page - Renesas Technology Corp SH7018 Datasheet HTML 292Page - Renesas Technology Corp SH7018 Datasheet HTML 293Page - Renesas Technology Corp SH7018 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 431 page
background image
274
13.4.4
MTU Trigger Input Timing
A/D conversion can also be started by MTU trigger input. When the TRGE bit is set to 1 in the
A/D control register (ADCR), input from the MTU functions as trigger input. When an MTU
trigger is detected, the ADST bit is set to 1 in the A/D control/status register (ADST), and the A/D
converter is started.
Other operations, for both single mode and scan mode, are the same as when the ADST bit is set
to 1 by software, .
Figure 13.6 shows the timing for MTU trigger input.
A/D conversion
CK
MTU trigger signal
ADST
Figure 13.6 External Trigger Input Timing
13.5
A/D Conversion Precision Definitions
The A/D converter converts analog values input from analog input channels to 10-bit digital
values by comparing them with an analog reference voltage. In this operation, the absolute
precision of the A/D conversion (i.e. the deviation between the input analog value and the output
digital value) includes the following kinds of error.
1. Offset error
2. Full-scale error
3. Quantization error
4. Nonlinearity error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com