Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 288Page - Renesas Technology Corp SH7018 Datasheet HTML 289Page - Renesas Technology Corp SH7018 Datasheet HTML 290Page - Renesas Technology Corp SH7018 Datasheet HTML 291Page - Renesas Technology Corp SH7018 Datasheet HTML 292Page - Renesas Technology Corp SH7018 Datasheet HTML 293Page - Renesas Technology Corp SH7018 Datasheet HTML 294Page - Renesas Technology Corp SH7018 Datasheet HTML 295Page - Renesas Technology Corp SH7018 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 431 page
background image
276
13.6
Notes on Use
The following points should be noted when using the A/D converter.
13.6.1
Analog Voltage Settings
Analog Input Voltage Range: The voltage applied to analog input pins during A/D conversion
should be in the range AV
SS ≤ ANn ≤ AVCC (n = 0 to 7).
AV
CC and AVSS input voltages: For the AVCC and AVSS input voltages, set AVCC = 3.3 V ± 10%,
and AV
SS = VSS. When the A/D converter is not used, set AVCC = VCC and AVSS = VSS.
13.6.2
Handling of Analog Input Pins
To prevent damage from surges and other abnormal voltages at the analog input pins (AN0 to
AN7), connect a protection circuit such as that shown in figure 13.8. This circuit also includes a
CR filter function that suppresses error due to noise. The circuit shown here is only a design
example; circuit constants must be decided on the basis of the actual operating conditions.
Figure 13.9 shows an equivalent circuit for the analog input pins, and table 13.5 summarizes the
analog input pin specifications.
SH7018
AVcc
AN0 to AN7
AVss
100
Ω
*
Note:
0.1
µF
10
µF
0.01
µF
Figure 13.8 Example of Analog Input Pin Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com