Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 291Page - Renesas Technology Corp SH7018 Datasheet HTML 292Page - Renesas Technology Corp SH7018 Datasheet HTML 293Page - Renesas Technology Corp SH7018 Datasheet HTML 294Page - Renesas Technology Corp SH7018 Datasheet HTML 295Page - Renesas Technology Corp SH7018 Datasheet HTML 296Page - Renesas Technology Corp SH7018 Datasheet HTML 297Page - Renesas Technology Corp SH7018 Datasheet HTML 298Page - Renesas Technology Corp SH7018 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 431 page
background image
279
Section 14 Pin Function Controller (PFC)
14.1
Overview
The pin function controller (PFC) consists of registers for selecting multiplex pin functions and
their input/output direction. Table 14.1 shows the SH7018's multiplex pins. The functions of the
multiplex pins are determined by the operating mode. Table 14.2 and table 14.3 show the pin
functions in each operating mode and the initial values.
Table 14.1
Multiplex Pins
Port
Function 1
(Related Module)
Function 2
(Related Module)
Function 3
(Related Module)
Function 4
(Related Module)
Pin No.
A
PA15 I/O (port)
CK output (CPG)
75
A
PA14 I/O (port)
RD output (BSC)
33
A
PA12 I/O (port)
WRL output (BSC)
34
A
PA11 I/O (port)
CS1 output (BSC)
35
A
PA10 I/O (port)
CS0 output (BSC)
36
A
PA9 I/O (port)
IRQ3 (INTC)
42
A
PA8 I/O (port)
IRQ2 (INTC)
44
A
PA7 I/O (port)
CS3 output (BSC)
37
A
PA6 I/O (port)
CS2 output (BSC)
38
A
PA5 I/O (port)
SCK I/O (SCI)
47
A
PA4 I/O (port)
TXD output (SCI)
48
A
PA3 I/O (port)
RXD input (SCI)
49
A
PA2 I/O (port)
IRQ0 input (INTC)
50
A
PA1 I/O (port)
40
A
PA0 I/O (port)
41
B
PB9 I/O (port)
IRQ7 input (INTC)
A21 output (BSC)
31
B
PB8 I/O (port)
IRQ6 input (INTC)
A20 output (BSC)
WAIT input (BSC)
46
B
PB7 I/O (port)
A19 output (BSC)
29
B
PB6 I/O (port)
A18 output (BSC)
28
B
PB5 I/O (port)
27
B
PB4 I/O (port)
26
B
PB3 I/O (port)
IRQ1 input (INTC)
24
B
PB2 I/O (port)
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com