Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 295Page - Renesas Technology Corp SH7018 Datasheet HTML 296Page - Renesas Technology Corp SH7018 Datasheet HTML 297Page - Renesas Technology Corp SH7018 Datasheet HTML 298Page - Renesas Technology Corp SH7018 Datasheet HTML 299Page - Renesas Technology Corp SH7018 Datasheet HTML 300Page - Renesas Technology Corp SH7018 Datasheet HTML 301Page - Renesas Technology Corp SH7018 Datasheet HTML 302Page - Renesas Technology Corp SH7018 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 431 page
background image
283
14.3
Register Descriptions
14.3.1
Port A IO Register L (PAIORL)
Port A IO register L (PAIORL) is a 16-bit readable/writable register that selects the input/output
direction of the pins in port A. The bits of this register correspond to the various pins. PAIORL is
enabled when the port A pins function as general input/output (PA15 to PA0) or serial clock
(SCK) pins, and disabled otherwise.
When the port A pins function as PA15 to PA0 or SCK, a pin becomes an output when the
corresponding bit in PAIORL is set to 1, and an input when the bit is cleared to 0.
PAIORL is initialized to H'0000 by an external power-on reset. However, it is not initialized by a
WDT reset, in standby mode, or in sleep mode. In these cases it retains its previous data.
Bit:
15
14
13
12
11
10
9
8
PA15IOR PA14IOR
—
PA12IOR PA11IOR PA10IOR PA9IOR
PA8IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PA7IOR
PA6IOR
PA5IOR
PA4IOR
PA3IOR
PA2IOR
PA1IOR
PA0IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
14.3.2
Port A Control Registers L1 and L2 (PACRL1, PACRL2)
Port A control registers L1 and L2 (PACRL1, PACRL2) are 16-bit readable/writable registers that
select the functions of the pins in port A.
PACRL1 is initialized to H'4000 by an external power-on reset. PACRL2 is initialized to H'0000
by an external power-on reset. However, they are not initialized by a WDT reset, in standby mode,
or in sleep mode. In these cases they retain their previous data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com