Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 299Page - Renesas Technology Corp SH7018 Datasheet HTML 300Page - Renesas Technology Corp SH7018 Datasheet HTML 301Page - Renesas Technology Corp SH7018 Datasheet HTML 302Page - Renesas Technology Corp SH7018 Datasheet HTML 303Page - Renesas Technology Corp SH7018 Datasheet HTML 304Page - Renesas Technology Corp SH7018 Datasheet HTML 305Page - Renesas Technology Corp SH7018 Datasheet HTML 306Page - Renesas Technology Corp SH7018 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 431 page
background image
287
Bit 8—PA4 Mode (PA4MD): Selects the function of the PA4/TXD pin.
Bit 8: PA4MD
Description
0
General input/output (PA4)
(Initial value)
1
Transmit data output (TXD)
Bit 7—Reserved: This bit is always read as 0. The write value should always be 0.
Bit 6—PA3 Mode (PA3MD): Selects the function of the PA3/RXD pin.
Bit 6: PA3MD
Description
0
General input/output (PA3)
(Initial value)
1
Receive data input (RXD)
Bits 5 and 4—PA2 Mode 1 and 0 (PA2MD1, PA2MD0): These bits select the function of the
PA2/
IRQ0 pin.
Bit 5: PA2MD1
Bit 4: PA2MD0
Description
0
0
General input/output (PA2)
(Initial value)
1
Reserved
1
0
Reserved
1
Interrupt request input (
IRQ0)
Bits 3 to 0—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com