Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 303Page - Renesas Technology Corp SH7018 Datasheet HTML 304Page - Renesas Technology Corp SH7018 Datasheet HTML 305Page - Renesas Technology Corp SH7018 Datasheet HTML 306Page - Renesas Technology Corp SH7018 Datasheet HTML 307Page - Renesas Technology Corp SH7018 Datasheet HTML 308Page - Renesas Technology Corp SH7018 Datasheet HTML 309Page - Renesas Technology Corp SH7018 Datasheet HTML 310Page - Renesas Technology Corp SH7018 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 431 page
background image
291
Bit 2—PB1 Mode (PB1MD): Selects the function of the PB1/A17 pin.
Bit 2: PB1MD
Description
0
General input/output (PB1)
(Initial value)
1
Address output (A17)
Bit 1—Reserved: This bit is always read as 0 and should only be written with 0.
Bit 0—PB0 Mode (PB0MD): Selects the function of the PB0/A16 pin.
Bit 0: PB0MD
Description
0
General input/output (PB0)
(Initial value)
1
Address output (A16)
14.3.5
Port C IO Register (PCIOR)
The port C IO register (PCIOR) is a 16-bit readable/writable register that selects the input/output
direction of the pins in port C. The bits of this register correspond to the various pins. PCIOR is
enabled when the port C pins function as general input/output (PC15 to PC0) pins, and disabled
otherwise.
When the port C pins function as PC15 to PC0, a pin becomes an output when the corresponding
bit in PCIOR is set to 1, and an input when the bit is cleared to 0.
PCIOR is initialized to H'0000 by an external power-on reset. However, it is not initialized by a
WDT reset, in standby mode, or in sleep mode. In these cases it retains its previous data.
Bit:
15
14
13
12
11
10
9
8
PC15IOR PC14IOR PC13IOR PC12IOR PC11IOR PC10IOR PC9IOR
PC8IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PC7IOR
PC6IOR
PC5IOR
PC4IOR
PC3IOR
PC2IOR
PC1IOR
PC0IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com