Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 307Page - Renesas Technology Corp SH7018 Datasheet HTML 308Page - Renesas Technology Corp SH7018 Datasheet HTML 309Page - Renesas Technology Corp SH7018 Datasheet HTML 310Page - Renesas Technology Corp SH7018 Datasheet HTML 311Page - Renesas Technology Corp SH7018 Datasheet HTML 312Page - Renesas Technology Corp SH7018 Datasheet HTML 313Page - Renesas Technology Corp SH7018 Datasheet HTML 314Page - Renesas Technology Corp SH7018 Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 431 page
background image
295
Bit 0—PC0 Mode (PC0MD): Selects the function of the PC0/A0 pin.
Bit 0: PC0MD
Description
0
General input/output (PC0)
(Initial value)
1
Address output (A0)
14.3.7
Port D IO Register L (PDIORL)
Port D IO register L (PDIORL) is a 16-bit readable/writable register that selects the input/output
direction of the pins in port D. The bits of this register correspond to the various pins. PDIORL is
enabled when the port D pins function as general input/output (PD7 to PD0), and disabled
otherwise.
When the port D pins function as PD7 to PD0, a pin becomes an output when the corresponding
bit in PDIORL is set to 1, and an input when the bit is cleared to 0.
PDIORL is initialized to H'0000 by an external power-on reset. However, it is not initialized by a
WDT reset, in standby mode, or in sleep mode. In these cases it retains its previous data.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
PD7IOR
PD6IOR
PD5IOR
PD4IOR
PD3IOR
PD2IOR
PD1IOR
PD0IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com