Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 308Page - Renesas Technology Corp SH7018 Datasheet HTML 309Page - Renesas Technology Corp SH7018 Datasheet HTML 310Page - Renesas Technology Corp SH7018 Datasheet HTML 311Page - Renesas Technology Corp SH7018 Datasheet HTML 312Page - Renesas Technology Corp SH7018 Datasheet HTML 313Page - Renesas Technology Corp SH7018 Datasheet HTML 314Page - Renesas Technology Corp SH7018 Datasheet HTML 315Page - Renesas Technology Corp SH7018 Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 431 page
background image
296
14.3.8
Port D Control Register L (PDCRL)
Port D control register L (PDCRL) is a 16-bit readable/writable register that selects the functions
of the pins in port D.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
PD7MD
PD6MD
PD5MD
PD4MD
PD3MD
PD2MD
PD1MD
PD0MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• On-Chip ROM Enabled Extended Mode
Port D pins function as both data I/O pins and general I/O pins. PDCRL settings are enabled.
PDCRL is initialized to H'0000 by an external power-on reset. However, it is not initialized by a
WDT reset, in standby mode, or in sleep mode. In these cases they retain their previous data.
Bits 15 to 8—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 7—PD7 Mode (PD7MD): Selects the function of the PD7/D7 pin.
Bit 7: PD7MD
Description
0
General input/output (PD7)
(Initial value)
1
Data input/output (D7)
Bit 6—PD6 Mode (PD6MD): Selects the function of the PD6/D6 pin.
Bit 6: PD6MD
Description
0
General input/output (PD6)
(Initial value)
1
Data input/output (D6)
Bit 5—PD5 Mode (PD5MD): Selects the function of the PD5/D5 pin.
Bit 5: PD5MD
Description
0
General input/output (PD5)
(Initial value)
1
Data input/output (D5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com