Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 306Page - Renesas Technology Corp SH7018 Datasheet HTML 307Page - Renesas Technology Corp SH7018 Datasheet HTML 308Page - Renesas Technology Corp SH7018 Datasheet HTML 309Page - Renesas Technology Corp SH7018 Datasheet HTML 310Page - Renesas Technology Corp SH7018 Datasheet HTML 311Page - Renesas Technology Corp SH7018 Datasheet HTML 312Page - Renesas Technology Corp SH7018 Datasheet HTML 313Page - Renesas Technology Corp SH7018 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 431 page
background image
294
Bit 6—PC6 Mode (PC6MD): Selects the function of the PC6/A6 pin.
Bit 6: PC6MD
Description
0
General input/output (PC6)
(Initial value)
1
Address output (A6)
Bit 5—PC5 Mode (PC5MD): Selects the function of the PC5/A5 pin.
Bit 5: PC5MD
Description
0
General input/output (PC5)
(Initial value)
1
Address output (A5)
Bit 4—PC4 Mode (PC4MD): Selects the function of the PC4/A4 pin.
Bit 4: PC4MD
Description
0
General input/output (PC4)
(Initial value)
1
Address output (A4)
Bit 3—PC3 Mode (PC3MD): Selects the function of the PC3/A3 pin.
Bit 3: PC3MD
Description
0
General input/output (PC3)
(Initial value)
1
Address output (A3)
Bit 2—PC2 Mode (PC2MD): Selects the function of the PC2/A2 pin.
Bit 2: PC2MD
Description
0
General input/output (PC2)
(Initial value)
1
Address output (A2)
Bit 1—PC1 Mode (PC1MD): Selects the function of the PC1/A1 pin.
Bit 1: PC1MD
Description
0
General input/output (PC1)
(Initial value)
1
Address output (A1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com