Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 395 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 391Page - Renesas Technology Corp SH7052 Datasheet HTML 392Page - Renesas Technology Corp SH7052 Datasheet HTML 393Page - Renesas Technology Corp SH7052 Datasheet HTML 394Page - Renesas Technology Corp SH7052 Datasheet HTML 395Page - Renesas Technology Corp SH7052 Datasheet HTML 396Page - Renesas Technology Corp SH7052 Datasheet HTML 397Page - Renesas Technology Corp SH7052 Datasheet HTML 398Page - Renesas Technology Corp SH7052 Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 919 page
background image
369
10.5.2
Registers Permitting 8-Bit, 16-Bit, or 32-Bit Access
Timer registers 1, 2, and 3 (TSTR1, TSTR2, TSTR3) are 8-bit registers. As these registers are
connected to the CPU via an internal 16-bit data bus, a simultaneous 32-bit read or write access to
TSTR1, TSTR2, and TSTR3 is automatically divided into two 16-bit accesses.
Figure 10.46 shows a read from TSTR, and figure 10.47 a write to TSTR.
When reading TSTR, in the first read the TSTR1 and TSTR2 (upper 16-bit) value is output to the
internal data bus. Then, in the second read, the TSTR3 (lower 16-bit) value is output to the internal
data bus.
When writing to TSTR, in the first write the upper 16 bits are written to TSTR1 and TSTR2.
Then, in the second write, the lower 16 bits are written to TSTR3. Note that, with the above
method, in a 32-bit write the write timing is not the same for TSTR1/TSTR2 and TSTR3.
For information on 8-bit and 16-bit access, see section 10.5.4, 8-Bit or 16-Bit Accessible
Registers.
1st read operation
2nd read operation
CPU
CPU
Internal data bus
HH
Internal data bus
L
L
Bus
interface
TSTR2
TSTR1
TSTR3
TSTR2
TSTR1
TSTR3
Module data bus
Bus
interface
Module data
bus
Figure 10.46 Read from TSTR1, TSTR2, and TSTR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com