Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 394Page - Renesas Technology Corp SH7052 Datasheet HTML 395Page - Renesas Technology Corp SH7052 Datasheet HTML 396Page - Renesas Technology Corp SH7052 Datasheet HTML 397Page - Renesas Technology Corp SH7052 Datasheet HTML 398Page - Renesas Technology Corp SH7052 Datasheet HTML 399Page - Renesas Technology Corp SH7052 Datasheet HTML 400Page - Renesas Technology Corp SH7052 Datasheet HTML 401Page - Renesas Technology Corp SH7052 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 919 page
background image
372
10.5.5
Registers Requiring 8-Bit Access
The timer mode register (TMDR), prescaler register (PSCR), timer I/O control registers (TIOR0,
TIOR10, TIOR11), trigger mode register (TRGMDR), interval interrupt request register (ITVRR),
timer control registers (TCR3, TCR4, TCR5, TCR8, TCR9A to TCR9C, TCR10, TCR11), PWM
mode register (PMDR), reload enable register (RLDENR), free-running counters (TCNT10B,
TCNT10D, TCNT10H), event counter (ECNT), general registers (GR9A to GR9F), output
compare register (OCR10B), and noise canceler register (NCR) are 8-bit registers. These registers
are connected to the upper 8 bits of the internal 16-bit data bus, and can be read or written a byte at
a time.
Figure 10.52 shows the operation when performing individual byte read or write accesses to
ITVRR1.
CPU
Internal data bus
Only upper 8 bits used
Only upper 8 bits used
ITVRR1
Module data bus
Bus
interface
Figure 10.52 Byte Read/Write Access to ITVRR1
10.6
Sample Setup Procedures
Sample setup procedures for activating the various ATU-II functions are shown below.
Sample Setup Procedure for Input Capture: An example of the setup procedure for input
capture is shown in figure 10.53.
1. Select the first-stage counter clock ø' in prescaler register (PSCR) and the second-stage counter
clock ø" with the CKSEL bit in the timer control register (TCR). When selecting an external
clock, also select the external clock edge type with the CKEG bit in TCR.
2. Set the port control register, corresponding to the port for signal input as the input capture
trigger, to ATU input capture input.
3. Select rising edge, falling edge, or both edges as the input capture signal input edge(s) with the
timer I/O control register (TIOR).
If necessary, a timer interrupt request can be sent to the CPU on input capture by making the
appropriate setting in the interrupt enable register (TIER). In channel 0, setting the DMAC
allows DMAC activation to be performed.
4. Set the corresponding bit to 1 in the timer start register (TSTR) to start the free-running
counter (TCNT) for the relevant channel.
Note:
When input capture occurs, the counter value is always captured, irrespective of free-
running counter (TCNT) activation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com