Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 691 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 691 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 687Page - Renesas Technology Corp SH7052 Datasheet HTML 688Page - Renesas Technology Corp SH7052 Datasheet HTML 689Page - Renesas Technology Corp SH7052 Datasheet HTML 690Page - Renesas Technology Corp SH7052 Datasheet HTML 691Page - Renesas Technology Corp SH7052 Datasheet HTML 692Page - Renesas Technology Corp SH7052 Datasheet HTML 693Page - Renesas Technology Corp SH7052 Datasheet HTML 694Page - Renesas Technology Corp SH7052 Datasheet HTML 695Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 691 / 919 page
background image
665
19.3.2
Port B Data Register (PBDR)
Bit:
15
14
13
12
11
10
9
8
PB15
DR
PB14
DR
PB13
DR
PB12
DR
PB11
DR
PB10
DR
PB9
DR
PB8
DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PB7
DR
PB6
DR
PB5
DR
PB4
DR
PB3
DR
PB2
DR
PB1
DR
PB0
DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The port B data register (PBDR) is a 16-bit readable/writable register that stores port B data. Bits
PB15DR to PB0DR correspond to pins PB15/PULS5/SCK2 to PB0/TO6A.
When a pin functions as a general output, if a value is written to PBDR, that value is output
directly from the pin, and if PBDR is read, the register value is returned directly regardless of the
pin state.
When a pin functions as a general input, if PBDR is read the pin state, not the register value, is
returned directly. If a value is written to PBDR, although that value is written into PBDR it does
not affect the pin state. Table 19.4 summarizes port B data register read/write operations.
PBDR is initialized to H'0000 by a power-on reset (excluding a WDT power-on reset), and in
hardware standby mode. It is not initialized in software standby mode or sleep mode.
Table 19.4
Port B Data Register (PBDR) Read/Write Operations
Bits 15 to 0:
PBIOR
Pin Function
Read
Write
0
General input
Pin state
Value is written to PBDR, but does not affect pin
state
Other than
general input
Pin state
Value is written to PBDR, but does not affect pin
state
1
General output
PBDR value
Write value is output from pin
Other than
general output
PBDR value
Value is written to PBDR, but does not affect pin
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com