Electronic Components Datasheet Search
  English  ▼

X  

SH7052F Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # SH7052F
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052F Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button SH7052F Datasheet HTML 33Page - Renesas Technology Corp SH7052F Datasheet HTML 34Page - Renesas Technology Corp SH7052F Datasheet HTML 35Page - Renesas Technology Corp SH7052F Datasheet HTML 36Page - Renesas Technology Corp SH7052F Datasheet HTML 37Page - Renesas Technology Corp SH7052F Datasheet HTML 38Page - Renesas Technology Corp SH7052F Datasheet HTML 39Page - Renesas Technology Corp SH7052F Datasheet HTML 40Page - Renesas Technology Corp SH7052F Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 919 page
background image
11
Table 1.2
Pin Functions (cont)
Type
Symbol
Pin No.
I/O
Name
Function
Operating
mode control
MD0 to
MD2
18, 22, 23
Input
Mode setting
These pins determine the
operating mode. Do not
change the input values
during operation.
HSTBY
29
Input
Hardware
standby
When driven low, this pin
forces a transition to hardware
standby mode.
Interrupts
NMI
31
Input
Nonmaskable
interrupt
Nonmaskable interrupt
request pin.
Acceptance on the rising edge
or falling edge can be
selected.
IRQ0 to
IRQ3
116, 119,
120, 121
Input
Interrupt
requests
0 to 3
Maskable interrupt request
pins.
Level input or edge input can
be selected.
Address bus
A0 to A21
1 to 5,
188 to 193,
195,
197 to 204,
206, 208
Output
Address bus
Address output pins.
Data bus
D0 to D15
35 to 41,
43, 45 to 52
Input/
output
Data bus
16-bit bidirectional data bus
pins.
Bus control
CS0 to
CS3
11, 13 to 15 Output
Chip select
0 to 3
Chip select signals for
external memory or devices.
RD
9
Output
Read
Indicates reading from an
external device.
WRH
7
Output
Upper write
Indicates writing of the upper
8 bits of external data.
WRL
6
Output
Lower write
Indicates writing of the lower 8
bits of external data.
WAIT
8
Input
Wait
Input for wait cycle insertion in
bus cycles during external
space access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com