Electronic Components Datasheet Search
  English  ▼

X  

SH7052F Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7052F
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052F Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7052F Datasheet HTML 87Page - Renesas Technology Corp SH7052F Datasheet HTML 88Page - Renesas Technology Corp SH7052F Datasheet HTML 89Page - Renesas Technology Corp SH7052F Datasheet HTML 90Page - Renesas Technology Corp SH7052F Datasheet HTML 91Page - Renesas Technology Corp SH7052F Datasheet HTML 92Page - Renesas Technology Corp SH7052F Datasheet HTML 93Page - Renesas Technology Corp SH7052F Datasheet HTML 94Page - Renesas Technology Corp SH7052F Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 919 page
background image
65
5.2
Resets
5.2.1
Types of Reset
A reset is the highest-priority exception processing source. There are two kinds of reset, power-on
and manual. As shown in table 5.5, the CPU state is initialized in both a power-on reset and a
manual reset. On-chip peripheral module registers are also initialized by a power-on reset, but not
by a manual reset.
Table 5.5
Exception Source Detection and Exception Processing Start Timing
Conditions for Transition
to Reset State
Internal States
Type
RES
WDT
Overflow
CPU/MULT/
FPU/INTC
On-Chip
Peripheral
Modules
PFC, IO Port
Power-on reset
Low
—
Initialized
Initialized
Initialized
High
Power-on reset
Initialized
Initialized
Not initialized
Manual reset
High
Manual reset
Initialized
Not initialized
Not initialized
5.2.2
Power-On Reset
Power-On Reset by Means of
RES Pin: When the RES pin is driven low, the chip enters the
power-on reset state. To reliably reset the chip, the
RES pin should be kept at the low level for at
least the duration of the oscillation settling time at power-on or when in standby mode (when the
clock is halted), or at least 20 t
cyc when the clock is running. In the power-on reset state, the CPU’s
internal state and all the on-chip peripheral module registers are initialized. See Appendix B, Pin
States, for the state of individual pins in the power-on reset state.
In the power-on reset state, power-on reset exception processing starts when the
RES pin is first
driven low for a set period of time and then returned to high. The CPU operates as follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception processing vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception processing vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3 to I0)
of the status register (SR) are set to H'F (1111).
4. The values fetched from the exception processing vector table are set in the PC and SP, and the
program begins executing.
Be certain to always perform power-on reset processing when turning the system power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com