Electronic Components Datasheet Search
  English  ▼

X  

SH7052F Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # SH7052F
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052F Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button SH7052F Datasheet HTML 37Page - Renesas Technology Corp SH7052F Datasheet HTML 38Page - Renesas Technology Corp SH7052F Datasheet HTML 39Page - Renesas Technology Corp SH7052F Datasheet HTML 40Page - Renesas Technology Corp SH7052F Datasheet HTML 41Page - Renesas Technology Corp SH7052F Datasheet HTML 42Page - Renesas Technology Corp SH7052F Datasheet HTML 43Page - Renesas Technology Corp SH7052F Datasheet HTML 44Page - Renesas Technology Corp SH7052F Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 919 page
background image
15
Table 1.2
Pin Functions (cont)
Type
Symbol
Pin No.
I/O
Name
Function
I/O ports
PB0 to
PB15
93, 94, 96,
98 to 110
Input/
output
Port B
General input/output port pins.
Input or output can be
specified bit by bit.
PC0 to
PC4
111 to 114,
116
Input/
output
Port C
General input/output port pins.
Input or output can be
specified bit by bit.
PD0 to
PD13
170 to 173,
175,
177 to 182,
184, 186,
187
Input/
output
Port D
General input/output port pins.
Input or output can be
specified bit by bit.
PE0 to
PE15
188 to 193,
195,
197 to 204,
206
Input/
output
Port E
General input/output port pins.
Input or output can be
specified bit by bit.
PF0 to
PF15
1 to 9, 11,
13 to 17, 208
Input/
output
Port F
General input/output port pins.
Input or output can be
specified bit by bit.
PG0 to
PG3
118 to 121
Input/
output
Port G
General input/output port pins.
Input or output can be
specified bit by bit.
PH0 to
PH15
35 to 41, 43,
45 to 52
Input/
output
Port H
General input/output port pins.
Input or output can be
specified bit by bit.
PJ0 to
PJ15
122, 124,
126 to 130,
132,
134 to 140,
142
Input/
output
Port J
General input/output port pins.
Input or output can be
specified bit by bit.
PK0 to
PK15
144 to 157,
159, 161
Input/
output
Port K
General input/output port pins.
Input or output can be
specified bit by bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com