Electronic Components Datasheet Search
  English  ▼

X  

SH7052F Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # SH7052F
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052F Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button SH7052F Datasheet HTML 75Page - Renesas Technology Corp SH7052F Datasheet HTML 76Page - Renesas Technology Corp SH7052F Datasheet HTML 77Page - Renesas Technology Corp SH7052F Datasheet HTML 78Page - Renesas Technology Corp SH7052F Datasheet HTML 79Page - Renesas Technology Corp SH7052F Datasheet HTML 80Page - Renesas Technology Corp SH7052F Datasheet HTML 81Page - Renesas Technology Corp SH7052F Datasheet HTML 82Page - Renesas Technology Corp SH7052F Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 919 page
background image
53
Section 3 Operating Modes
3.1
Operating Mode Selection
The SH7052F/SH7053F/SH7054F has five operating modes that are selected by pins MD2 to
MD0 and FWE. The mode setting pins should not be changed during operation of the
SH7052F/SH7053F/SH7054F, and only the setting combinations shown in Table 3.1 should be
used. The PV
CC1 power supply voltage must be within the range shown in table 3.1.
Table 3.1
Operating Mode Selection
Operating
Pin Settings
On-Chip
Area 0
Bus
Mode No.
FWE
MD2
MD1
MD0
Mode Name
ROM
Width
PV
CC1 Voltage
Mode 0
0100
MCU expanded
Disabled
8 bits
3.3 V ±0.3 V
Mode 1
0101
mode
16 bits
Mode 2
0110
Enabled
Set by
BCR1
Mode 3
0111
MCU single-chip
mode
Enabled
—
5.0 V ±0.5 V
Mode 4
1100
Boot mode
Enabled
Set by
BCR1
3.3 V ±0.3 V
Mode 5
1101
—
5.0 V ±0.5 V
Mode 6
1110
User program
mode
Enabled
Set by
BCR1
3.3 V ±0.3 V
Mode 7
1111
—
5.0 V ±0.5 V
—
0/1
0
1
1
Programmer mode —
—
3.3 V ±0.3 V
There are two MCU operating modes: MCU single-chip mode and MCU expanded mode.
Modes in which the flash memory can be programmed are boot mode and user program mode (the
two on-board programming modes) and programmer mode in which programming is performed
with an EPROM programmer (a type which supports programming of this device).
For details, see section 20, ROM (SH7052F/SH7053F) and section 21, ROM (SH7054F).
Caution: In the SH7052F/SH7053F/SH7054F expanded modes (modes 0, 1, and 2), the
guaranteed operating range of bus port power supply (port power supply 1: PV
CC1) in
the MCU expanded modes is 3.3 V ±0.3 V.
Since operation is not guaranteed in the MCU expanded modes on a voltage outside this
range, a voltage within this range must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com