Electronic Components Datasheet Search
  English  ▼

X  

SH7052F Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # SH7052F
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052F Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button SH7052F Datasheet HTML 85Page - Renesas Technology Corp SH7052F Datasheet HTML 86Page - Renesas Technology Corp SH7052F Datasheet HTML 87Page - Renesas Technology Corp SH7052F Datasheet HTML 88Page - Renesas Technology Corp SH7052F Datasheet HTML 89Page - Renesas Technology Corp SH7052F Datasheet HTML 90Page - Renesas Technology Corp SH7052F Datasheet HTML 91Page - Renesas Technology Corp SH7052F Datasheet HTML 92Page - Renesas Technology Corp SH7052F Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 919 page
background image
63
5.1.3
Exception Processing Vector Table
Before exception processing begins running, the exception processing vector table must be set in
memory. The exception processing vector table stores the start addresses of exception service
routines. (The reset exception processing table holds the initial values of PC and SP.)
All exception sources are given different vector numbers and vector table address offsets, from
which the vector table addresses are calculated. During exception processing, the start addresses of
the exception service routines are fetched from the exception processing vector table, which is
indicated by this vector table address.
Table 5.3 shows the vector numbers and vector table address offsets. Table 5.4 shows how vector
table addresses are calculated.
Table 5.3
Exception Processing Vector Table
Exception Sources
Vector
Numbers
Vector Table Address Offset
Power-on reset
PC
0
H'00000000 to H'00000003
SP
1
H'00000004 to H'00000007
Manual reset
PC
2
H'00000008 to H'0000000B
SP
3
H'0000000C to H'0000000F
General illegal instruction
4
H'00000010 to H'00000013
(Reserved by system)
5
H'00000014 to H'00000017
Slot illegal instruction
6
H'00000018 to H'0000001B
(Reserved by system)
7
H'0000001C to H'0000001F
8
H'00000020 to H'00000023
CPU address error
9
H'00000024 to H'00000027
DMAC address error
10
H'00000028 to H'0000002B
Interrupts
NMI
11
H'0000002C to H'0000002F
User break
12
H'00000030 to H'00000033
(Reserved by system)
13
:
31
H'00000034 to H'00000037
:
H'0000007C to H'0000007F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com