Electronic Components Datasheet Search
  English  ▼

X  

SH7052F Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # SH7052F
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052F Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button SH7052F Datasheet HTML 26Page - Renesas Technology Corp SH7052F Datasheet HTML 27Page - Renesas Technology Corp SH7052F Datasheet HTML 28Page - Renesas Technology Corp SH7052F Datasheet HTML 29Page - Renesas Technology Corp SH7052F Datasheet HTML 30Page - Renesas Technology Corp SH7052F Datasheet HTML 31Page - Renesas Technology Corp SH7052F Datasheet HTML 32Page - Renesas Technology Corp SH7052F Datasheet HTML 33Page - Renesas Technology Corp SH7052F Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 919 page
background image
4
Table 1.1
SH7052F/SH7053F/SH7054F Features (cont)
Item
Features
Direct memory
access controller
(DMAC)
(4 channels)
• DMA transfer possible for the following devices:
 External memory, on-chip memory, on-chip peripheral modules
(excluding DMAC, UBC, BSC)
• DMA transfer requests by on-chip modules
 SCI, A/D converter, ATU-II, HCAN
• Cycle steal or burst mode transfer
• Dual address mode
 Direct transfer mode
 Indirect transfer mode (channel 3 only)
• Address reload function (channel 2 only)
• Transfer data width: Byte/word/longword
Advanced timer
unit-II (ATU-II)
• Maximum 63 inputs or outputs can be processed
 Four 32-bit input capture inputs
 Twenty-eight 16-bit input capture inputs/output compare outputs
 Sixteen 16-bit one-shot pulse outputs
 Eight 16-bit PWM outputs
 Six 8-bit event counters
 One gap detection function
• I/O pin output inversion function
Advanced pulse
controller (APC)
• Maximum eight pulse outputs on reception of ATU-II (channel 11) compare-
match signal
Watchdog timer
(WDT)
(1 channel)
• Can be switched between watchdog timer and interval timer function
• Internal reset, external signal, or interrupt generated by counter overflow
• Two kinds of internal reset
 Power-on reset
 Manual reset
Compare-match
timer (CMT)
(2 channels)
• Selection of 4 counter input clocks
• A compare-match interrupt can be requested independently for each
channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com