Electronic Components Datasheet Search
  English  ▼

X  

SH7052F Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7052F
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052F Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7052F Datasheet HTML 25Page - Renesas Technology Corp SH7052F Datasheet HTML 26Page - Renesas Technology Corp SH7052F Datasheet HTML 27Page - Renesas Technology Corp SH7052F Datasheet HTML 28Page - Renesas Technology Corp SH7052F Datasheet HTML 29Page - Renesas Technology Corp SH7052F Datasheet HTML 30Page - Renesas Technology Corp SH7052F Datasheet HTML 31Page - Renesas Technology Corp SH7052F Datasheet HTML 32Page - Renesas Technology Corp SH7052F Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 919 page
background image
3
Table 1.1
SH7052F/SH7053F/SH7054F Features (cont)
Item
Features
Clock pulse
generator
(CPG/PLL)
• On-chip clock pulse generator (maximum operating frequency: 40 MHz)
• Independent generation of CPU system clock and peripheral clock for
peripheral modules
• On-chip clock-multiplication PLL circuit (×4)
Internal clock frequency range: 5 to 10 MHz
Interrupt
controller (INTC)
• Five external interrupt pins (NMI, IRQ0 to IRQ3)
• 109 internal interrupt sources
(ATU-II
× 75, SCI × 20, DMAC × 4, A/D × 2, WDT × 1, UBC × 1, CMT × 2,
HCAN
× 4)
• 16 programmable priority levels
User break
controller (UBC)
• Requests an interrupt when the CPU or DMAC generates a bus cycle with
specified conditions (interrupt can also be masked)
• Trigger pulse output (UBCTRG) on break condition
 Selection of trigger pulse width (φ ×1, ×4, ×8, ×16)
• Simplifies configuration of an on-chip debugger
Bus state
controller (BSC)
• Supports external memory access (SRAM and ROM directly connectable)
 8/16-bit bus space
• 3.3 V bus interface
• 16 MB address space divided into four areas, with the following parameters
settable for each area:
 Bus size (8 or 16 bits)
 Number of wait cycles
 Chip select signals (CS0 to CS3) output for each area
• Wait cycles can be inserted using an external WAIT signal
• External access in minimum of two cycles
• Provision for idle cycle insertion to prevent bus collisions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com