Electronic Components Datasheet Search
  English  ▼

X  

SH7052F Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7052F
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052F Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7052F Datasheet HTML 27Page - Renesas Technology Corp SH7052F Datasheet HTML 28Page - Renesas Technology Corp SH7052F Datasheet HTML 29Page - Renesas Technology Corp SH7052F Datasheet HTML 30Page - Renesas Technology Corp SH7052F Datasheet HTML 31Page - Renesas Technology Corp SH7052F Datasheet HTML 32Page - Renesas Technology Corp SH7052F Datasheet HTML 33Page - Renesas Technology Corp SH7052F Datasheet HTML 34Page - Renesas Technology Corp SH7052F Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 919 page
background image
5
Table 1.1
SH7052F/SH7053F/SH7054F Features (cont)
Item
Features
Serial
communication
interface (SCI)
(5 channels)
• Selection of asynchronous or synchronous mode
• Simultaneous transmission/reception (full-duplex) capability
• Serial data communication possible between multiple processors
(asynchronous mode)
• Clock inversion function
• LSB-/MSB-first selection function for transmission
Hitachi controller
area network
(HCAN)
(1 channel)
• CAN version: Bosch 2.0B active compatible
• Buffer size (per channel): Transmit/receive × 15, receive-only × 1
• Receive message filtering capability
A/D converter
• Sixteen channels
• Two sample-and-hold circuits
 Independent operation of 12 channels × 1 and 4 channels × 1
• Selection of two conversion modes
 Single conversion mode
 Scan mode
• Continuous scan mode
• Single-cycle scan mode
• Can be activated by external trigger or ATU-II compare-match
• 10-bit resolution
• Accuracy: ±2 LSB
Advanced user
debugger (AUD)
• Eight dedicated pins
• RAM monitor mode
 Data input/output frequency: φ/4 or less
 Possible to read/write to a module connected to the internal/external
bus
• Branch address output mode
I/O ports
(including timer
I/O pins, address
and data buses)
• Dual-function input/output pins: 135
• Schmitt input pins: NMI, IRQ, RES, HSTBY, FWE, TCLK, IC, IC/OC, SCK,
ADTRG
• Input port protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com