Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 237Page - Renesas Technology Corp SH7243 Datasheet HTML 238Page - Renesas Technology Corp SH7243 Datasheet HTML 239Page - Renesas Technology Corp SH7243 Datasheet HTML 240Page - Renesas Technology Corp SH7243 Datasheet HTML 241Page - Renesas Technology Corp SH7243 Datasheet HTML 242Page - Renesas Technology Corp SH7243 Datasheet HTML 243Page - Renesas Technology Corp SH7243 Datasheet HTML 244Page - Renesas Technology Corp SH7243 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1726 page
background image
Section 8 Data Transfer Controller (DTC)
Rev. 1.00 Jun. 26, 2008 Page 211 of 1692
REJ09B0393-0100
8.4
Location of Transfer Information and DTC Vector Table
Locate the transfer information in the data area. The start address of transfer information should be
located at the address that is a multiple of four (4n). Otherwise, the lower two bits are ignored
during access ([1:0] = B'00.) Transfer information located in the data area is shown in figure 8.2.
Short address mode can be selected by setting the DTSA bit in the bus function extending register
(BSCEHR) to 1 only when all DTC transfer sources and destinations are located in the on-chip
RAM and on-chip peripheral module areas (see section 9.4.8, Bus Function Extending Register
(BSCEHR)).
In normal transfer, four longwords should be read as the transfer information; in short address
mode, the transfer information is reduced to three longwords and the DTC active period becomes
shorter.
The DTC reads the start address of transfer information from the vector table according to the
activation source, and then reads the transfer information from the start address. Figure 8.3 shows
correspondences between the DTC vector address and transfer information.
MRA
MRB
MRA
MRB
SAR
DAR
CRA
CRB
CRA
CRB
SAR
DAR
1
03
2
MRA
MRB
MRA
MRB
SAR
DAR
CRA
CRB
CRA
CRB
SAR
DAR
Lower addresses
Transfer information
in short address mode
1
03
2
The short address mode can be used only for transfer between an on-chip
peripheral module and the on-chip RAM because the upper eight bits of
SAR and DAR are assumed as all 1s.
Reserved
(0 write)
Reserved
(0 write)
Lower addresses
Transfer information
in normal operation
Transfer
information
for one transfer
(4 longwords)
Transfer
information
for the 2nd
transfer
in chain transfer
(4 longwords)
Transfer
information
for one transfer
(3 longwords)
Transfer
information
for the 2nd
transfer
in chain transfer
(3 longwords)
Start
address
4 bytes
4 bytes
Chain
transfer
Start
address
Chain
transfer
Note:
Figure 8.2 Transfer Information on Data Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com