| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 58 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 58 Page - Renesas Technology Corp |
|
58 / 1524 page ![]() Rev. 3.00 Jan. 18, 2008 Page lviii of lxii Table 21.2 Operation in Each Transfer Mode......................................................................... 685 Table 21.3 SIOF Serial Clock Frequency ............................................................................... 710 Table 21.4 Serial Transfer Modes........................................................................................... 713 Table 21.5 Frame Length........................................................................................................ 714 Table 21.6 Audio Mode Specification for Transmit Data....................................................... 716 Table 21.7 Audio Mode Specification for Receive Data ........................................................ 716 Table 21.8 Setting Number of Channels in Control Data ....................................................... 717 Table 21.9 Conditions to Issue Transmit Request .................................................................. 719 Table 21.10 Conditions to Issue Receive Request .................................................................... 720 Table 21.11 Transmit and Receive Reset.................................................................................. 725 Table 21.12 SIOF Interrupt Sources ......................................................................................... 727 Section 22 Analog Front End Interface (AFEIF) Table 22.1 Pin Configuration.................................................................................................. 736 Table 22.2 FIFO Interrupt Size............................................................................................... 738 Table 22.3 Telephone Number and Data ................................................................................ 745 Section 23 USB Pin Multiplex Controller Table 23.1 Pin Configuration (Digital Transceiver Signal) .................................................... 756 Table 23.2 Pin Configuration (Analog Transceiver Signal) ................................................... 756 Table 23.3 Pin Configuration (Power Control Signal)............................................................ 757 Table 23.4 Pin Configuration (Clock Signal) ......................................................................... 757 Section 24 USB Host Controller (USBH) Table 24.1 Pin Configuration.................................................................................................. 766 Section 25 USB Function Controller (USBF) Table 25.1 Pin Configuration and Functions .......................................................................... 805 Table 25.2 Restrictions of Settable Values ............................................................................. 834 Table 25.3 Example of Endpoint Configuration..................................................................... 834 Table 25.4 Example of Setting of Endpoint Configuration Information ................................ 835 Table 25.5 Command Decoding on Application Side ............................................................ 855 Section 26 LCD Controller (LCDC) Table 26.1 Pin Configuration.................................................................................................. 865 Table 26.2 I/O Clock Frequency and Clock Division Ratio ................................................... 868 Table 26.3 Limits on the Resolution of Rotated Displays, Burst Length, and Connected Memory (32-bit SDRAM)............................................................ 899 Table 26.4 Limits on the Resolution of Rotated Displays, Burst Length, and Connected Memory (16-bit SDRAM)............................................................ 902 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |