Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 65Page - Renesas Technology Corp SH7721 Datasheet HTML 66Page - Renesas Technology Corp SH7721 Datasheet HTML 67Page - Renesas Technology Corp SH7721 Datasheet HTML 68Page - Renesas Technology Corp SH7721 Datasheet HTML 69Page - Renesas Technology Corp SH7721 Datasheet HTML 70Page - Renesas Technology Corp SH7721 Datasheet HTML 71Page - Renesas Technology Corp SH7721 Datasheet HTML 72Page - Renesas Technology Corp SH7721 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 7 of 1458
REJ09B0033-0300
Item
Features
SIM card
interface (SIM)
• Single channel ready for ISO7816-3 data protocol (T = 0, T = 1)
• Asynchronous half-duplex character transmission protocol
• Data length of 8 bits
• Generates and checks a parity bit
• Number of output clocks per 1 etu selectable
• Direct convention/inverse convention selectable
• Internal prescaler for Pφ
• Clock polarity changeable at idle time (low or high)
• With interrupt request and DMAC request
MultiMedia Card
interface
(MMCIF)
• Complies with The MultiMedia Card System Specification Version 3.1
• Supports MMC mode
• 16.5-Mbps bit rate (max) for the card interface (Pφ = 33 MHz)
• Incorporates sixty-four 16-bit data-transfer FIFOs
• Interrupt and DMA request
• Module standby function
SD host interface
(SDHI)
Note: Only for
models with the
SDHI
• Supports SDHC (SD High Capacity) and SDIO
 Supports Part 1 Physical Layer Ver.1.01 to 2.0 of SD Specification, but
not supported for High-Speed
 Supports Part E1 SDIO Ver. 1.00 to 2.00 of SD Specification
• SD memory/IO card interface (1 bit/4 bits SD bus)
• SD clock frequency ≤ 1/2 peripheral clock frequency
• Error check function: CRC7 (command/response), CRC16 (data)
• MMC (MultiMedia Card) access
• Interrupt request and DAMC transfer request (SD_BUF read/write)
• Card detection function
• Write protect
SSL accelerator
(SSL)
Note: SH7720
group only
• RSA encryption
• Supported operations: addition, subtraction, multiplication, power operation
• DES and Triple-DES encryption/decryption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com