Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1041 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1041 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1037Page - Renesas Technology Corp SH7721 Datasheet HTML 1038Page - Renesas Technology Corp SH7721 Datasheet HTML 1039Page - Renesas Technology Corp SH7721 Datasheet HTML 1040Page - Renesas Technology Corp SH7721 Datasheet HTML 1041Page - Renesas Technology Corp SH7721 Datasheet HTML 1042Page - Renesas Technology Corp SH7721 Datasheet HTML 1043Page - Renesas Technology Corp SH7721 Datasheet HTML 1044Page - Renesas Technology Corp SH7721 Datasheet HTML 1045Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1041 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 979 of 1458
REJ09B0033-0300
IC Memory Card Interface
I/O Card Interface
Pin
Signal Name
I/O
Function
Signal Name
I/O
Function
This LSI
Corresponding
Pin
52
VPP2
Programming
power supply
VPP2
Programming
and
peripheral
power supply
—
53
A22
I
Address
A22
I
Address
A22
54
A23
I
Address
A23
I
Address
A23
55
A24
I
Address
A24
I
Address
A24
56
A25
I
Address
A25
I
Address
A25
57
VS2
O
Voltage
sense
VS2
O
Voltage
sense
PCC_VS2
58
RESET
I
Reset
RESET
I
Reset
PCC_RESET
59
WAIT
O
Wait request
WAIT
O
Wait request
PCC_WAIT
60
RFU
Reserved
INPACK
O
Input
acknowledge
—
61
REG
I
Attribute
memory
space select
REG
I
Attribute
memory
space select
PCC_REG
62
BVD2
O
Battery
voltage
detection
SPKR
O
Digital sound
signal
PCC_BVD2
63
BVD1
O
Battery
voltage
detection
STSCHG
O
Card status
change
PCC_BVD1
64
D8
I/O
Data
D8
I/O
Data
D8
65
D9
I/O
Data
D9
I/O
Data
D9
66
D10
I/O
Data
D10
I/O
Data
D10
67
CD2
O
Card
detection
CD2
O
Card
detection
PCC_CD2
68
GND
Ground
GND
Ground
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com