Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 106Page - Renesas Technology Corp SH7721 Datasheet HTML 107Page - Renesas Technology Corp SH7721 Datasheet HTML 108Page - Renesas Technology Corp SH7721 Datasheet HTML 109Page - Renesas Technology Corp SH7721 Datasheet HTML 110Page - Renesas Technology Corp SH7721 Datasheet HTML 111Page - Renesas Technology Corp SH7721 Datasheet HTML 112Page - Renesas Technology Corp SH7721 Datasheet HTML 113Page - Renesas Technology Corp SH7721 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 48 of 1458
REJ09B0033-0300
2.3.4
Control Registers
The control registers (SR, SSR, SPC, GBR, and VBR) can be accessed by the LDC or STC
instruction in privileged mode. The GBR register can be accessed in the user mode.
The control registers are described below.
(1)
Status Register (SR)
The status register (SR) indicates the system status as shown below. The SR register can be
accessed only in privileged mode.
Bit
Bit Name
Initial
Value
R/W
Description
31
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
30
MD
1
R/W
Processing Mode
Indicates the CPU processing mode.
0: User mode
1: Privileged mode
The MD bit is set to 1 in reset or exception handling
state.
29
RB
1
R/W
Register Bank
The general registers R0 to R7 are banked registers.
0: In this case, R0_BANK0 to R7_BANK0 and R8 to
R15 are used as general registers.
R0_BANK1 to R7_BANK1 can be accessed by the
LDC or STR instruction.
1: In this case, R0_BANK1 to R7_BANK1 and R8 to
R15 are used as general registers.
R0_BANK0 to R7_BANK0 can be accessed by the
LDC or STR instruction.
The RB bit is set to 1 in reset or exception handling
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com