Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1161 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1161 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1157Page - Renesas Technology Corp SH7721 Datasheet HTML 1158Page - Renesas Technology Corp SH7721 Datasheet HTML 1159Page - Renesas Technology Corp SH7721 Datasheet HTML 1160Page - Renesas Technology Corp SH7721 Datasheet HTML 1161Page - Renesas Technology Corp SH7721 Datasheet HTML 1162Page - Renesas Technology Corp SH7721 Datasheet HTML 1163Page - Renesas Technology Corp SH7721 Datasheet HTML 1164Page - Renesas Technology Corp SH7721 Datasheet HTML 1165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1161 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1099 of 1458
REJ09B0033-0300
• Errors during command sequence (data transmission) are detected by the CRC error flag
(CRCERI) or the data timeout error flag. When interrupts are detected, set the CMDOFF bit in
OPCR to 1 to issue the CMD12 command and suspend the command sequence.
• Not in the data busy state is confirmed. If the data busy state is entered, the data busy state is
detected by the data busy end flag (DBSYI).
• After data transfer (after DRPI is detected), check whether the data busy state is entered. If the
data busy state is entered, the end of the data busy state is detected by the data busy end flag
(DBSYI).
• The CMDOFF bit is set to 1 and command sequence is ended.
• When the CRC error (CRCERI) or the command timeout error (CTERI) occurs during
command response reception, write 1 to the CMDOFF bit.
• When the CRC error (CRCERI), write error (WRERI), or the data timeout error (DTERI)
occurs during write data transmission, write 1 to the CMDOFF bit and set DMACR to H'00 to
clear the FIFO.
Note:
Access from the DMAC to the FIFO should be performed by byte or longword data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com