Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1166 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1166 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1162Page - Renesas Technology Corp SH7721 Datasheet HTML 1163Page - Renesas Technology Corp SH7721 Datasheet HTML 1164Page - Renesas Technology Corp SH7721 Datasheet HTML 1165Page - Renesas Technology Corp SH7721 Datasheet HTML 1166Page - Renesas Technology Corp SH7721 Datasheet HTML 1167Page - Renesas Technology Corp SH7721 Datasheet HTML 1168Page - Renesas Technology Corp SH7721 Datasheet HTML 1169Page - Renesas Technology Corp SH7721 Datasheet HTML 1170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1166 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1104 of 1458
REJ09B0033-0300
Write 1 to CMDOFF
Execute CMD12
Set DMACR to H'00
Write 1 to CMDOFF
FIFO clear
Write 1 to CMDOFF
Yes
Yes
No
Yes
No
No
Yes
Yes
No
Yes
No
CRCERI or WRERI
interrupt generated?
Is DTERI interrupt
generated?
Is DRPI interrupt
generated?
Is DBSYI interrupt
generated?
Is DTBUSY
detected?
TBNCR = n(DRPI)?
Write 1 to DATEN
Does DMA transfer
end?
Yes
Yes
Set DMACR to H'00
Is FRDYI interrupt is generated
or does DMA transfer end?
No
No
Is DTI interrupt
generated?
Yes
No
Yes
No
Is BTI interrupt
generated?
No
Command sequence end
n (DRPI): The number of DRPIs from
the start of write sequence
Note:
*
[1]
[2]
Figure 31.30
Operational Flowchart for Write Sequence
(Pre-defined Multiblock Transfer) (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com