Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1253 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1253 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1249Page - Renesas Technology Corp SH7721 Datasheet HTML 1250Page - Renesas Technology Corp SH7721 Datasheet HTML 1251Page - Renesas Technology Corp SH7721 Datasheet HTML 1252Page - Renesas Technology Corp SH7721 Datasheet HTML 1253Page - Renesas Technology Corp SH7721 Datasheet HTML 1254Page - Renesas Technology Corp SH7721 Datasheet HTML 1255Page - Renesas Technology Corp SH7721 Datasheet HTML 1256Page - Renesas Technology Corp SH7721 Datasheet HTML 1257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1253 / 1524 page
background image
Section 35
I/O Ports
Rev. 3.00 Jan. 18, 2008 Page 1191 of 1458
REJ09B0033-0300
35.6.2
Port F Data Register (PFDR)
PFDR is a register that stores data for pins PTF6 to PTF0. Bits PF6DT to PF0DT correspond to
pins PTF6 to PTF0. When the function is general input port, if the port is read, the corresponding
pin level is read.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
6
PF6DT
0
R
5
PF5DT
0
R
4
PF4DT
0
R
3
PF3DT
0
R
2
PF2DT
0
R
1
PF1DT
0
R
0
PF0DT
0
R
Table 35.6 shows the function of PFDR.
Table 35.6
Port F Data Register (PFDR) Read/Write Operations
PFCR State
PFnMD1 PFnMD0 Pin State
Read
Write
0
Other function
PFDR value
Value is written to PFDR, but does not affect
pin state.
0
1
Reserved
1
Input (Pull-up
MOS off)
Pin state
Value is written to PFDR, but does not affect
pin state.
Note:
n = 1 to 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com