Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1260 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1260 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1256Page - Renesas Technology Corp SH7721 Datasheet HTML 1257Page - Renesas Technology Corp SH7721 Datasheet HTML 1258Page - Renesas Technology Corp SH7721 Datasheet HTML 1259Page - Renesas Technology Corp SH7721 Datasheet HTML 1260Page - Renesas Technology Corp SH7721 Datasheet HTML 1261Page - Renesas Technology Corp SH7721 Datasheet HTML 1262Page - Renesas Technology Corp SH7721 Datasheet HTML 1263Page - Renesas Technology Corp SH7721 Datasheet HTML 1264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1260 / 1524 page
background image
Section 35
I/O Ports
Rev. 3.00 Jan. 18, 2008 Page 1198 of 1458
REJ09B0033-0300
35.9.2
Port J Data Register (PJDR)
PJDR is a register that stores data for pins PTJ6 to PTJ0. Bits PJ6DT to PJ0DT correspond to pins
PTJ6 to PTJ0. When the pin function is general output port, if the port is read, the value of the
corresponding PJDR bit is returned directly. When the function is general input port, if the port is
read, the corresponding pin level is read.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
6
PJ6DT
0
R/W
5
PJ5DT
0
R/W
4
PJ4DT
0
R/W
3
PJ3DT
0
R/W
2
PJ2DT
0
R/W
1
PJ1DT
0
R/W
0
PJ0DT
0
R/W
Table 35.9 shows the function of PJDR.
Table 35.9
Port J Data Register (PJDR) Read/Write Operations
PJCR State
PJnMD1
PJnMD0
Pin State
Read
Write
0
Other function
PJDR value
Value is written to PJDR, but does not affect
pin state.
0
1
Output
PJDR value
Write value is output from pin.
0
Input (Pull-up
MOS on)
Pin state
Value is written to PJDR, but does not affect
pin state.
1
1
Input (Pull-up
MOS off)
Pin state
Value is written to PJDR, but does not affect
pin state.
Note:
n = 0 to 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com