Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 167Page - Renesas Technology Corp SH7721 Datasheet HTML 168Page - Renesas Technology Corp SH7721 Datasheet HTML 169Page - Renesas Technology Corp SH7721 Datasheet HTML 170Page - Renesas Technology Corp SH7721 Datasheet HTML 171Page - Renesas Technology Corp SH7721 Datasheet HTML 172Page - Renesas Technology Corp SH7721 Datasheet HTML 173Page - Renesas Technology Corp SH7721 Datasheet HTML 174Page - Renesas Technology Corp SH7721 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 109 of 1458
REJ09B0033-0300
An example of the use of modulo addressing is shown below.
MOV.L #H’70047000, R10
;Specify MS=H’7000 ME = H’7004
LDC R10,MOD
;Specify ME:MS to MOD register
STC SR, R10
;
MOV.L #H’FFFFF3FF, R11;
MOV.L #H’00000400, R12;
AND R11, R10
;
OR R12, R10
;
LDC R10, SR
; Specify SR.MDX=1,
SR.MDY=0, and X modulo addressing mode
MOV.L #H’A5007000, R4
MOVX.W @R4+,X0
; R4: H’A5007000
→ H’A5007002
MOVX.W @R4+,X0
; R4: H’A5007002
→ H’A5007004
MOVX.W @R4+,X0
; R4: H’A5007004
→ H’A5007000
(Matches to ME and MS is set)
MOVX.W @R4+,X0
; R4: H’A5007000
→ H’A5007002
The start and end addresses are specified in MS and ME, then the DMX or DMY bit is set to 1.
When the X or Y data transfer instruction specified by the DMX or DMY is executed, the address
register contents before updating are compared with ME*, and if they match, start address MS is
stored in the address register as the value after updating.
When the addressing type of the X/Y data transfer instruction is no-update, the X/Y data transfer
instruction is not returned to MS even if they match ME. When the addressing type of the X/Y
data transfer instruction is addition index register addressing, the address pointed may not match
the address pointer ME, and exceed it. In this case, the address pointer value does not become the
modulo start address.
The maximum modulo size is 64 kbytes. This is sufficient to access the X and Y data memory.
Note:
Not only with modulo addressing, but when X and Y data addressing is used, bit 0 is
ignored. 0 must always be written to bit 0 of the address pointer, index register, MS, and
ME.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com