Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 209Page - Renesas Technology Corp SH7721 Datasheet HTML 210Page - Renesas Technology Corp SH7721 Datasheet HTML 211Page - Renesas Technology Corp SH7721 Datasheet HTML 212Page - Renesas Technology Corp SH7721 Datasheet HTML 213Page - Renesas Technology Corp SH7721 Datasheet HTML 214Page - Renesas Technology Corp SH7721 Datasheet HTML 215Page - Renesas Technology Corp SH7721 Datasheet HTML 216Page - Renesas Technology Corp SH7721 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 151 of 1458
REJ09B0033-0300
3.6.2
Double-Data Transfer Instructions
Table 3.36
Double Data Transfer Instruction
Instruction
Instruction Code
Operation
Execution
States
DC
NOPX
1111000*0*0*00**
X memory no access
1
–
MOVX.W @Ax,Dx
111100A*D*0*01**
(Ax)
→ MSW of Dx, 0 →
LSW of Dx
1
–
MOVX.W @Ax+,Dx
111100A*D*0*10**
(Ax)
→ MSW of Dx, 0 →
LSW of Dx, Ax + 2
→ Ax
1
–
MOVX.W @Ax+Ix,Dx
111100A*D*0*11**
(Ax)
→ MSW of Dx, 0 →
LSW of Dx, Ax + Ix
→ Ax
1
–
MOVX.W Da,@Ax
111100A*D*1*01**
MSW of Da
→ (Ax)
1
–
MOVX.W Da,@Ax+
111100A*D*1*10**
MSW of Da
→ (Ax), Ax + 2
→ Ax
1
–
X
memory
data
transfer
MOVX.W Da,@Ax+Ix
111100A*D*1*11**
MSW of Da
→ (Ax), Ax + Ix
→ Ax
1
–
NOPY
111100*0*0*0**00
Y memory no access
1
–
MOVY.W @Ay,Dy
111100*A*D*0**01
(Ay)
→ MSW of Dy, 0 →
LSW of Dy
1
–
MOVY.W @Ay+,Dy
111100*A*D*0**10
(Ay)
→ MSW of Dy, 0 →
LSW of Dy, Ay + 2
→ Ay
1
–
MOVY.W @Ay+Iy,Dy
111100*A*D*0**11
(Ay)
→ MSW of Dy, 0 →
LSW of Dy, Ay + Iy
→ Ay
1
–
MOVY.W Da,@Ay
111100*A*D*1**01
MSW of Da
→ (Ay)
1
–
MOVY.W Da,@Ay+
111100*A*D*1**10
MSW of Da
→ (Ay), Ay + 2
→ Ay
1
–
Y
memory
data
transfer
MOVY.W Da,@Ay+Iy
111100*A*D*1**11
MSW of Da
→ (Ay), Ay + Iy
→ Ay
1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com