Electronic Components Datasheet Search
  English  ▼

X  

32180 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 32180
Description  32-Bit RISC Single-Chip Microcomputers M32R Family M32R/ECU Series
PDF  839 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32180 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 32180 Datasheet HTML 31Page - Renesas Technology Corp 32180 Datasheet HTML 32Page - Renesas Technology Corp 32180 Datasheet HTML 33Page - Renesas Technology Corp 32180 Datasheet HTML 34Page - Renesas Technology Corp 32180 Datasheet HTML 35Page - Renesas Technology Corp 32180 Datasheet HTML 36Page - Renesas Technology Corp 32180 Datasheet HTML 37Page - Renesas Technology Corp 32180 Datasheet HTML 38Page - Renesas Technology Corp 32180 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 839 page
background image
1-18
1
OVERVIEW
32180 Group User’s Manual (Rev.1.0)
1.4 Pin Assignments
Table 1.4.1 Pin Assignments of the M32180F8VFP/TFP (4/6)
Pin State When Reset
Port
Other than
port
Other than
port
Function
Type
State during
reset
State at reset
release
During single-chip and
external extension modes
P34
Input
Hi-z
Hi-z
During processor mode
A19
Output
Hi-z
Undefined
During single-chip and
external extension modes
P33
Input
Hi-z
Hi-z
During processor mode
A18
Output
Hi-z
Undefined
During single-chip and
external extension modes
P32
Input
Hi-z
Hi-z
During processor mode
A17
Output
Hi-z
Undefined
During single-chip and
external extension modes
P31
Input
Hi-z
Hi-z
During processor mode
A16
Output
Hi-z
Undefined
During single-chip and
external extension modes
P30
Input
Hi-z
Hi-z
During processor mode
A15
Output
Hi-z
Undefined
During single-chip and
external extension modes
P47
Input
Hi-z
Hi-z
During processor mode
A14
Output
Hi-z
Undefined
During single-chip and
external extension modes
P46
Input
Hi-z
Hi-z
During processor mode
A13
Output
Hi-z
Undefined
During single-chip and
external extension modes
P225
Input
Hi-z
Hi-z
During processor mode
A12
Output
Hi-z
Undefined
During single-chip and
external extension modes
P224
Input
Hi-z
Hi-z
During processor mode
A11
Output
Hi-z
Undefined
During single-chip and
external extension modes
P45
Input
Hi-z
Hi-z
During processor mode
CS1#
Output
Hi-z
High level
During single-chip and
external extension modes
P44
Input
Hi-z
Hi-z
During processor mode
CS0#
Output
Hi-z
High level
During single-chip and
external extension modes
P227
Input
Hi-z
Hi-z
During processor mode
CS3#
Output
Hi-z
High level
During single-chip and
external extension modes
P226
Input
Hi-z
Hi-z
During processor mode
CS2#
Output
Hi-z
High level
153 VCC-BUS
VCC-BUS
-
VCC-BUS
-
-
-
154 VCCE
-
VCCE
-
-
VCCE
-
-
-
155 VSS
-
VSS
-
-
VSS
-
-
-
156 P167/TO28
P167
TO28
-
Input/output
P167
Input
Hi-z
Hi-z
157 P166/TO27
P166
TO27
-
Input/output
P166
Input
Hi-z
Hi-z
158 P165/TO26
P165
TO26
-
Input/output
P165
Input
Hi-z
Hi-z
159 P164/TO25
P164
TO25
-
Input/output
P164
Input
Hi-z
Hi-z
160 P163/TO24
P163
TO24
-
Input/output
P163
Input
Hi-z
Hi-z
161 P162/TO23
P162
TO23
-
Input/output
P162
Input
Hi-z
Hi-z
162 P161/TO22
P161
TO22
-
Input/output
P161
Input
Hi-z
Hi-z
163 P160/TO21
P160
TO21
-
Input/output
P160
Input
Hi-z
Hi-z
164 P217/TO44
P217
TO44
-
Input/output
P217
Input
Hi-z
Hi-z
165 P216/TO43
P216
TO43
-
Input/output
P216
Input
Hi-z
Hi-z
166 P215/TO42
P215
TO42
-
Input/output
P215
Input
Hi-z
Hi-z
167 P214/TO41
P214
TO41
-
Input/output
P214
Input
Hi-z
Hi-z
168 P213/TO40
P213
TO40
-
Input/output
P213
Input
Hi-z
Hi-z
169 P212/TO39
P212
TO39
-
Input/output
P212
Input
Hi-z
Hi-z
170 P211/TO38
P211
TO38
-
Input/output
P211
Input
Hi-z
Hi-z
171 P210/TO37
P210
TO37
-
Input/output
P210
Input
Hi-z
Hi-z
172 P67
P67
-
-
Input/output
P67
Input
Hi-z
Hi-z
173 P66/SCLKI5/SCLKO5
P66
SCLKI5
SCLKO5
Input/output
P66
Input
Hi-z
Hi-z
174 P65/SCLKI4/SCLKO4
P65
SCLKI4
SCLKO4
Input/output
P65
Input
Hi-z
Hi-z
175 P87/SCLKI1/SCLKO1
P87
SCLKI1
SCLKO1
Input/output
P87
Input
Hi-z
Hi-z
151
152
Pin
No.
Function
-
CS1#
P224
A11
CS2#
146
Input/output
150 P44/CS0#
P44
CS0#
-
Input/output
149 P45/CS1#
P45
Input/output
-
Input/output
P225
A12
CS3#
Input/output
P46/A13
P46
A13
-
Input/output
144 P30/A15
145 P47/A14
P47
A14
P30
A15
-
-
Input/output
-
Input/output
Input/output
143 P31/A16
P31
A16
142 P32/A17
P32
A17
-
Input/output
Input/output
141 P33/A18
P33
A18
140 P34/A19
P34
A19
Symbol
Type
Condition
-
P225/A12/CS3#
147
148 P224/A11/CS2#
P227/CS3#
P226/CS2#
P227
P226
Input/output
Input/output
CS3#
CS2#
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com