Electronic Components Datasheet Search
  English  ▼

X  

32180 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # 32180
Description  32-Bit RISC Single-Chip Microcomputers M32R Family M32R/ECU Series
PDF  839 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32180 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button 32180 Datasheet HTML 88Page - Renesas Technology Corp 32180 Datasheet HTML 89Page - Renesas Technology Corp 32180 Datasheet HTML 90Page - Renesas Technology Corp 32180 Datasheet HTML 91Page - Renesas Technology Corp 32180 Datasheet HTML 92Page - Renesas Technology Corp 32180 Datasheet HTML 93Page - Renesas Technology Corp 32180 Datasheet HTML 94Page - Renesas Technology Corp 32180 Datasheet HTML 95Page - Renesas Technology Corp 32180 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 839 page
background image
4
4-3
EIT
32180 Group User’s Manual (Rev.1.0)
4.2 EIT Events
4.2 EIT Events
4.2.1 Exception
(1) Reserved Instruction Exception (RIE)
Reserved Instruction Exception (RIE) occurs when execution of a reserved instruction (unimplemented
instruction) is detected.
(2) Address Exception (AE)
Address Exception (AE) occurs when an attempt is made to access a misaligned address in Load or Store
instructions.
(3) Floating-point Exception (FPE)
Floating-point Exception (FPE) occurs when Unimplemented Exception (UIPL) or one of the five exceptions
specified in the IEEE 754 standard (OVF/UDF/IXCT/DIV0/IVLD) is detected. Each exception processing is
outlined below.
1) Overflow Exception (OVF)
The exception occurs when the absolute value of the operation result exceeds the largest describable
precision in the floating-point format. The following table shows the operation results when an OVF oc-
curs.
Table 4.2.1 Operation Results When an OVF Occurred
Operation Result (Content of the Destination Register)
When the OVF EIT processing is
masked (Note 1)
When the OVF EIT processing is
executed (Note 2)
+
+MAX
-
-Infinity
+
+Infinity
-
-MAX
+
+MAX
-
-MAX
+
+Infinity
-
-Infinity
No change
Sign of the Result
-Infinity
+Infinity
0
Rounding Mode
Nearest
Note 1: When the overflow exception enable (EO) bit (FPSR register bit 20) = "0"
Note 2: When the overflow exception enable (EO) bit (FPSR register bit 20) = "1"
Note: • If an OVF occurs while EIT processing for OVF is masked, an IXCT occurs at the same time.
• +MAX = H’7F7F FFFF, –MAX = H’FF7F FFFF
2) Underflow Exception (UDF)
The exception occurs when the absolute value of the operation result is less than the largest describable
precision in the floating-point format. The following table shows the operation results when a UDF occurs.
Table 4.2.2 Operation Results when a UDF Occurred
Operation Result (Content of the Destination Register)
When UDF EIT processing is masked (Note 1)
When UDF EIT processing is executed (Note 2)
DN = 0: An unimplemented exception occurs
DN = 1: 0 is returned
No change
Note 1: When the underflow exception enable (EU) bit (FPSR register bit 18) = "0"
Note 2: When the underflow exception enable (EU) bit (FPSR register bit 18) = "1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com