Electronic Components Datasheet Search
  English  ▼

X  

32180 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 32180
Description  32-Bit RISC Single-Chip Microcomputers M32R Family M32R/ECU Series
PDF  839 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32180 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 32180 Datasheet HTML 32Page - Renesas Technology Corp 32180 Datasheet HTML 33Page - Renesas Technology Corp 32180 Datasheet HTML 34Page - Renesas Technology Corp 32180 Datasheet HTML 35Page - Renesas Technology Corp 32180 Datasheet HTML 36Page - Renesas Technology Corp 32180 Datasheet HTML 37Page - Renesas Technology Corp 32180 Datasheet HTML 38Page - Renesas Technology Corp 32180 Datasheet HTML 39Page - Renesas Technology Corp 32180 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 839 page
background image
1
1-19
OVERVIEW
32180 Group User’s Manual (Rev.1.0)
1.4 Pin Assignments
Table 1.4.1 Pin Assignments of the M32180F8VFP/TFP (5/6)
Pin State When Reset
Port
Other than
port
Other than
port
Function
Type
State during
reset
State at reset
release
176
P86/RXD1
P86
RXD1
-
Input/output
P86
Input
Hi-z
Hi-z
177 P85/TXD1
P85
TXD1
-
Input/output
P85
Input
Hi-z
Hi-z
178 P84/SCLKI0/SCLKO0
P84
SCLKI0
SCLKO0
Input/output
P84
Input
Hi-z
Hi-z
179 P83/RXD0
P83
RXD0
-
Input/output
P83
Input
Hi-z
Hi-z
180 P82/TXD0
P82
TXD0
-
Input/output
P82
Input
Hi-z
Hi-z
181 P174/TXD2
P174
TXD2
-
Input/output
P174
Input
Hi-z
Hi-z
182 P175/RXD2
P175
RXD2
-
Input/output
P175
Input
Hi-z
Hi-z
183 P176/TXD3
P176
TXD3
-
Input/output
P176
Input
Hi-z
Hi-z
184 P177/RXD3
P177
RXD3
-
Input/output
P177
Input
Hi-z
Hi-z
185 P173/TIN25
P173
TIN25
-
Input/output
P173
Input
Hi-z
Hi-z
186 P172/TIN24
P172
TIN24
-
Input/output
P172
Input
Hi-z
Hi-z
187 FP
-
FP
-
Input
FP
Input
Hi-z
Hi-z
188 MOD0
-
MOD0
-
Input
MOD0
Input
Hi-z
Hi-z
189 MOD1
-
MOD1
-
Input
MOD1
Input
Hi-z
Hi-z
190 EXCVDD
-
EXCVDD
-
-
EXCVDD
-
-
-
191 VSS
-
VSS
-
-
VSS
-
-
-
192 EXCVCC
-
EXCVCC
-
-
EXCVCC
-
-
-
193 VDDE
-
VDDE
-
-
VDDE
-
-
-
194 VSS
-
VSS
-
-
VSS
-
-
-
195 VCCE
-
VCCE
-
-
VCCE
-
-
-
196 VCC-BUS
-
VCC-BUS
-
-
VCC-BUS
-
-
-
During single-chip and
external extension modes
P17
Input
Hi-z
Hi-z
During processor mode
DB15
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P16
Input
Hi-z
Hi-z
During processor mode
DB14
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P15
Input
Hi-z
Hi-z
During processor mode
DB13
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P14
Input
Hi-z
Hi-z
During processor mode
DB12
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P13
Input
Hi-z
Hi-z
During processor mode
DB11
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P12
Input
Hi-z
Hi-z
During processor mode
DB10
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P11
Input
Hi-z
Hi-z
During processor mode
DB9
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P10
Input
Hi-z
Hi-z
During processor mode
DB8
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P07
Input
Hi-z
Hi-z
During processor mode
DB7
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P06
Input
Hi-z
Hi-z
During processor mode
DB6
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P05
Input
Hi-z
Hi-z
During processor mode
DB5
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P04
Input
Hi-z
Hi-z
During processor mode
DB4
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P03
Input
Hi-z
Hi-z
During processor mode
DB3
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P02
Input
Hi-z
Hi-z
During processor mode
DB2
Input/output
Hi-z
Hi-z
Input/output
-
Input/output
-
Input/output
Symbol
Type
Condition
197 P17/DB15
P17
DB15
Pin
No.
Function
-
198 P16/DB14
P16
DB14
-
Input/output
199 P15/DB13
200 P14/DB12
P14
DB12
P15
DB13
201 P13/DB11
P13
DB11
-
Input/output
202 P12/DB10
P12
DB10
-
Input/output
-
Input/output
-
Input/output
203 P11/DB9
204 P10/DB8
P10
DB8
P11
DB9
205 P07/DB7
P07
DB7
206 P06/DB6
P06
DB6
Input/output
-
Input/output
-
Input/output
-
-
Input/output
P05
DB5
-
Input/output
P04
DB4
-
Input/output
209 P03/DB3
210 P02/DB2
P02
DB2
P03
DB3
207 P05/DB5
208 P04/DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com