Electronic Components Datasheet Search
  English  ▼

X  

32180 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 32180
Description  32-Bit RISC Single-Chip Microcomputers M32R Family M32R/ECU Series
PDF  839 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32180 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 32180 Datasheet HTML 53Page - Renesas Technology Corp 32180 Datasheet HTML 54Page - Renesas Technology Corp 32180 Datasheet HTML 55Page - Renesas Technology Corp 32180 Datasheet HTML 56Page - Renesas Technology Corp 32180 Datasheet HTML 57Page - Renesas Technology Corp 32180 Datasheet HTML 58Page - Renesas Technology Corp 32180 Datasheet HTML 59Page - Renesas Technology Corp 32180 Datasheet HTML 60Page - Renesas Technology Corp 32180 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 839 page
background image
3
3-6
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
32180 Group User’s Manual (Rev.1.0)
3.4 Internal RAM and SFR Areas
The 8-Mbyte area from the address H’0080 0000 to the address H’00FF FFFF comprise the internal RAM and
SFR (Special Function Register) areas. Of these, the space that the user can actually use is a 128-Kbyte area
from the address H’0080 0000 to the address H’0081 FFFF. The other areas here are ghosts in 128-Kbyte units.
(Do not use the ghost area intentionally during programming.)
3.4.1 Internal RAM Area
The internal RAM area is allocated to the addresses shown below.
Table 3.4.1 Internal RAM Allocation Address
Type Name
Size
Allocation Address
M32180F8
48 Kbytes
H’0080 4000 to H’0080 FFFF
3.4.2 SFR (Special Function Register) Area
The addresses H’0080 0000 to H’0080 3FFFF comprise the SFR (Special Function Register) area. Located in
this area are the internal peripheral I/O registers.
Figure 3.4.1 Internal RAM and SFR (Special Function Register) Areas of the M32180F8
SFR area
(16 Kbytes)
Internal RAM
(48 Kbytes)
Virtual flash emulation areas
separated in 4-Kbyte units
can be allocated here.
For details, see Section 6.6.
H'0080 0000
H'0080 3FFF
H'0080 4000
H'0080 FFFF
H'0080 7FFF
H'0080 8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com